Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIL Datasheet(PDF) 91 Page - ATMEL Corporation

Part # AT89C5131A-RDTIL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIL Datasheet(HTML) 91 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIL Datasheet HTML 87Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 88Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 89Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 90Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 91Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 92Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 93Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 94Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 95Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 185 page
background image
91
AT89C5131A-L
4338E–USB–06/06
pins (Figure 41). To prevent bus conflicts on the MISO line, only one slave should be
selected at a time by the Master for a transmission.
In a Master configuration, the SS line can be used in conjunction with the MODF flag in
the SPI Status register (SPSTA) to prevent multiple masters from driving MOSI and
SCK (see Section “Error Conditions”, page 95).
A high level on the SS pin puts the MISO line of a Slave SPI in a high-impedance state.
The SS pin could be used as a general-purpose if the following conditions are met:
The device is configured as a Master and the SSDIS control bit in SPCON is set.
This kind of configuration can be found when only one Master is driving the network
and there is no way that the SS pin could be pulled low. Therefore, the MODF flag in
the SPSTA will never be set(1).
The Device is configured as a Slave with CPHA and SSDIS control bits set
(2) This
kind of configuration can happen when the system comprises one Master and one
Slave only. Therefore, the device should always be selected and there is no reason
that the Master uses the SS pin to select the communicating Slave device.
Notes:
1. Clearing SSDIS control bit does not clear MODF.
2. Special care should be taken not to set SSDIS control bit when CPHA =’0’ because in
this mode, the SS is used to start the transmission.
Baud Rate
In Master mode, the baud rate can be selected from a baud rate generator which is con-
trolled by three bits in the SPCON register: SPR2, SPR1 and SPR0. The Master clock is
chosen from one of seven clock rates resulting from the division of the internal clock by
2, 4, 8, 16, 32, 64 or 128.
Table 72 gives the different clock rates selected by SPR2:SPR1:SPR0:
Table 72. SPI Master Baud Rate Selection
SPR2
SPR1
SPR0
Clock Rate
Baud Rate Divisor (BD)
0
0
0
Don’t Use
No BRG
00
1
FCLK PERIPH/4
4
01
0
FCLK PERIPH/8
8
01
1
FCLK PERIPH/16
16
10
0
FCLK PERIPH/32
32
10
1
FCLK PERIPH/64
64
11
0
FCLK PERIPH/128
128
1
1
1
Don’t Use
No BRG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com