Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIL Datasheet(PDF) 27 Page - ATMEL Corporation

Part # AT89C5131A-RDTIL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIL Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIL Datasheet HTML 23Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 24Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 25Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 26Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 27Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 28Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 29Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 30Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 185 page
background image
27
AT89C5131A-L
4338E–USB–06/06
Program/Code
Memory
The AT89C5131A-L implement 32 Kbytes of on-chip program/code memory. Figure 13
shows the split of internal and external program/code memory spaces depending on the
product.
The Flash memory increases EPROM and ROM functionality by in-circuit electrical era-
sure and programming. Thanks to the internal charge pump, the high voltage needed for
programming or erasing Flash cells is generated on-chip using the standard VDD volt-
age. Thus, the Flash Memory can be programmed using only one voltage and allows In-
application Software Programming commonly known as IAP. Hardware programming
mode is also available using specific programming tool.
Figure 13. Program/Code Memory Organization
Note:
If the program executes exclusively from on-chip code memory (not from external mem-
ory), beware of executing code from the upper byte of on-chip memory (7FFFh) and
thereby disrupting I/O Ports 0 and 2 due to external prefetch. Fetching code constant
from this location does not affect Ports 0 and 2.
External Code Memory
Access
Memory Interface
The external memory interface comprises the external bus (Port 0 and Port 2) as well as
the bus control signals (PSEN, and ALE).
Figure 14 shows the structure of the external address bus. P0 carries address A7:0
while P2 carries address A15:8. Data D7:0 is multiplexed with A7:0 on P0. Table 33
describes the external memory interface signals.
Figure 14. External Code Memory Interface Structure
0000h
32 Kbytes
7FFFh
Flash
32 Kbytes
External Code
FFFFh
AT89C5131A-L
8000h
Flash
EPROM
AT89C5131
P2
P0
AD7:0
A15:8
A7:0
A15:8
D7:0
A7:0
ALE
Latch
OE
PSEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com