Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIL Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT89C5131A-RDTIL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIL Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIL Datasheet HTML 17Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 18Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 19Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 20Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 21Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 22Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 23Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 24Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 185 page
background image
21
AT89C5131A-L
4338E–USB–06/06
Table 21. Timer SFR’s
Mnemonic
Add
Name
7
6
54321
0
TH0
8Ch
Timer/Counter 0 High byte
TL0
8Ah
Timer/Counter 0 Low byte
TH1
8Dh
Timer/Counter 1 High byte
TL1
8Bh
Timer/Counter 1 Low byte
TH2
CDh
Timer/Counter 2 High byte
TL2
CCh
Timer/Counter 2 Low byte
TCON
88h
Timer/Counter 0 and 1
control
TF1TR1
TF0TR0
IE1
IT1
IE0
IT0
TMOD
89h
Timer/Counter 0 and 1
Modes
GATE1
C/T1#
M11
M01
GATE0
C/T0#
M10
M00
T2CON
C8h
Timer/Counter 2 control
TF2
EXF2
RCLK
TCLK
EXEN2
TR2
C/T2#
CP/RL2#
T2MOD
C9h
Timer/Counter 2 Mode
T2OE
DCEN
RCAP2H
CBh
Timer/Counter 2
Reload/Capture High byte
RCAP2L
CAh
Timer/Counter 2
Reload/Capture Low byte
WDTRST
A6h
WatchDog Timer Reset
WDTPRG
A7h
WatchDog Timer Program
S2
S1
S0
Table 22. Serial I/O Port SFR’s
Mnemonic
Add
Name
7
6
54321
0
SCON
98h
Serial Control
FE/SM0
SM1
SM2
REN
TB8
RB8
TI
RI
SBUF
99h
Serial Data Buffer
SADEN
B9h
Slave Address Mask
SADDR
A9h
Slave Address
Table 23. Baud Rate Generator SFR’s
Mnemonic
Add
Name
7
654
32
10
BRL
9Ah
Baud Rate Reload
BDRCON
9Bh
Baud Rate Control
BRR
TBCK
RBCK
SPD
SRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com