Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIL Datasheet(PDF) 56 Page - ATMEL Corporation

Part # AT89C5131A-RDTIL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIL Datasheet(HTML) 56 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIL Datasheet HTML 52Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 53Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 54Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 55Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 56Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 57Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 58Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 59Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 60Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 185 page
background image
56
AT89C5131A-L
4338E–USB–06/06
Figure 27. PCA Timer/Counter
Table 48. CMOD Register
CMOD - PCA Counter Mode Register (D9h)
Reset Value = 00XX X000b
Not bit addressable
CIDL
CPS1
CPS0
ECF
It
CH
CL
16 Bit Up Counter
To PCA
modules
FCLK PERIPH/6
FCLK PERIPH/2
T0 OVF
P1.2
Idle
CMOD
0xD9
WDTE
CF
CR
CCON
0xD8
CCF4 CCF3
CCF2
CCF1
CCF0
overflow
7
6
5
4
3
2
1
0
CIDL
WDTE
-
-
-
CPS1
CPS0
ECF
Bit
Number
Bit
Mnemonic
Description
7CIDL
Counter Idle Control
Cleared to program the PCA Counter to continue functioning during idle Mode.
Set to program PCA to be gated off during idle.
6WDTE
Watchdog Timer Enable
Cleared to disable Watchdog Timer function on PCA Module 4.
Set to enable Watchdog Timer function on PCA Module 4.
5-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
4-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
3-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
2CPS1
PCA Count Pulse Select
CPS1CPS0
Selected PCA input
0
0
Internal clock f
CLK PERIPH/6
0
1
Internal clock f
CLK PERIPH/2
1
0
Timer 0 Overflow
1
1
External clock at ECI/P1.2 pin (max rate = fCLK PERIPH/ 4)
1CPS0
0ECF
PCA Enable Counter Overflow Interrupt
Cleared to disable CF bit in CCON to inhibit an interrupt.
Set to enable CF bit in CCON to generate an interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com