Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIL Datasheet(PDF) 45 Page - ATMEL Corporation

Part # AT89C5131A-RDTIL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIL Datasheet(HTML) 45 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIL Datasheet HTML 41Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 42Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 43Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 44Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 45Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 46Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 47Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 48Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 185 page
background image
45
AT89C5131A-L
4338E–USB–06/06
Application-
Programming-Interface
Several Application Program Interface (API) calls are available for use by an application
program to permit selective erasing and programming of Flash pages. All calls are made
by functions.
All these APIs are described in detail in the following document on the Atmel web site.
Datasheet Bootloader USB AT89C5131.
XROW Bytes
The EXTRA ROW (XROW) includes 128 bytes. Some of these bytes are used for spe-
cific purpose in conjonction with the bootloader.
Table 43. XROW Mapping
Hardware Conditions
It is possible to force the controller to execute the bootloader after a Reset with hard-
ware conditions. Depending on the product type (low pin count or high pin count
package), there are two methods to apply the hardware conditions.
High Pin Count Hardware
Conditions (PLCC52, QFP64)
For high pin count packages, the hardware conditons (EA = 1, PSEN = 0) are sampled
during the RESET rising edge to force the on-chip bootloader execution (See Figure 81
on page 172). In this way the bootloader can be carried out regardless of the user Flash
memory content.
As PSEN is an output port in normal operating mode (running user application or boot-
loader code) after reset, it is recommended to release PSEN after rising edge of reset
signal.
Low Pin Count Hardware
Conditions (SOIC28)
Low pin count products do not have PSEN signal, thus for these products, the boot-
loader is always executed after reset thanks to the BLJB bit. The Hardware Condition
are detected at the begining of the bootloader execution from reset.
The default factory Hardware Condition is assigned to port P1.
P1 must be equal to FEh
In order to offer the best flexibility, the user can define its own Hardware Condition on
one of the following Ports:
•Port1
•Port3
Port4 (only bit0 and bit1)
The Hardware Condition configuration are stored in three bytes called P1_CF, P3_CF,
P4_CF.
Description
Default Value
Address
Copy of the Manufacturer Code
58h
30h
Copy of the Device ID#1: Family code
D7h
31h
Copy of the Device ID#2: Memories size and type
BBh
60h
Copy of the Device ID#3: Name and Revision
FFh
61h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com