Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIL Datasheet(PDF) 83 Page - ATMEL Corporation

Part # AT89C5131A-RDTIL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIL Datasheet(HTML) 83 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIL Datasheet HTML 79Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 80Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 81Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 82Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 83Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 84Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 85Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 86Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 87Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 185 page
background image
83
AT89C5131A-L
4338E–USB–06/06
Table 66. IPH1 Register
IPH1 - Interrupt Priority High Register (B3h)
Reset Value = X0XX X000b
Not bit addressable
7
6
5
4
3
2
1
0
-
PUSBH
-
-
-
PSPIH
PTWIH
PKBH
Bit
Number
Bit
Mnemonic
Description
7-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
6
PUSBH
USB Interrupt Priority High bit
PUSBHPUSBLPriority Level
00Lowest
01
10
1
1Highest
5-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
4-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
3-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
2
PSPIH
SPI Interrupt Priority High bit
PSPIHPSPILPriority Level
00Lowest
01
10
1
1Highest
1PTWIH
TWI Interrupt Priority High bit
PTWIHPTWILPriority Level
00Lowest
01
10
1
1Highest
0
PKBH
Keyboard Interrupt Priority High bit
PKBHPKBLPriority Level
00Lowest
01
10
1
1Highest



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com