Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIL Datasheet(PDF) 95 Page - ATMEL Corporation

Part # AT89C5131A-RDTIL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIL Datasheet(HTML) 95 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIL Datasheet HTML 91Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 92Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 93Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 94Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 95Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 96Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 97Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 98Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 99Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 185 page
background image
95
AT89C5131A-L
4338E–USB–06/06
Error Conditions
The following flags in the SPSTA signal SPI error conditions:
Mode Fault (MODF)
Mode Fault error in Master mode SPI indicates that the level on the Slave Select (SS)
pin is inconsistent with the actual mode of the device. MODF is set to warn that there
may have a multi-master conflict for system control. In this case, the SPI system is
affected in the following ways:
An SPI receiver/error CPU interrupt request is generated,
The SPEN bit in SPCON is cleared. This disable the SPI,
The MSTR bit in SPCON is cleared
When SS DISable (SSDIS) bit in the SPCON register is cleared, the MODF flag is set
when the SS signal becomes “0”.
However, as stated before, for a system with one Master, if the SS pin of the Master
device is pulled low, there is no way that another Master attempt to drive the network. In
this case, to prevent the MODF flag from being set, software can set the SSDIS bit in the
SPCON register and therefore making the SS pin as a general-purpose I/O pin.
Clearing the MODF bit is accomplished by a read of SPSTA register with MODF bit set,
followed by a write to the SPCON register. SPEN Control bit may be restored to its orig-
inal set state after the MODF bit has been cleared.
Write Collision (WCOL)
A Write Collision (WCOL) flag in the SPSTA is set when a write to the SPDAT register is
done during a transmit sequence.
WCOL does not cause an interruption, and the transfer continues uninterrupted.
Clearing the WCOL bit is done through a software sequence of an access to SPSTA
and an access to SPDAT.
Overrun Condition
An overrun condition occurs when the Master device tries to send several data bytes
and the Slave devise has not cleared the SPIF bit issuing from the previous data byte
transmitted. In this case, the receiver buffer contains the byte sent after the SPIF bit was
last cleared. A read of the SPDAT returns this byte. All others bytes are lost.
This condition is not detected by the SPI peripheral.
Interrupts
Two SPI status flags can generate a CPU interrupt requests:
Table 73. SPI Interrupts
Serial Peripheral data transfer flag, SPIF: This bit is set by hardware when a transfer
has been completed. SPIF bit generates transmitter CPU interrupt requests.
Mode Fault flag, MODF: This bit becomes set to indicate that the level on the SS is
inconsistent with the mode of the SPI. MODF with SSDIS reset, generates receiver/error
CPU interrupt requests.
Figure 47 gives a logical view of the above statements.
Flag
Request
SPIF (SP Data Transfer)
SPI Transmitter Interrupt request
MODF (Mode Fault)
SPI Receiver/Error Interrupt Request (if SSDIS = “0”)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com