Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIL Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT89C5131A-RDTIL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIL Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIL Datasheet HTML 4Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 5Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 6Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 7Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 8Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 9Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 10Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 11Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 185 page
background image
8
AT89C5131A-L
4338E–USB–06/06
Table 8. Ports Signal Description
Table 9. Clock Signal Description
Signal
Name
Type
Description
Alternate Function
P0[7:0]
I/O
Port 0
P0 is an 8-bit open-drain bidirectional I/O port. Port 0
pins that have 1s written to them float and can be used
as high impedance inputs. To avoid any parasitic current
consumption, Floating P0 inputs must be pulled to VDD or
VSS.
AD[7:0]
P1[7:0]
I/O
Port 1
P1 is an 8-bit bidirectional I/O port with internal pull-ups.
KIN[7:0]
T2
T2EX
ECI
CEX[4:0]
P2[7:0]
I/O
Port 2
P2 is an 8-bit bidirectional I/O port with internal pull-ups.
A[15:8]
P3[7:0]
I/O
Port 3
P3 is an 8-bit bidirectional I/O port with internal pull-ups.
LED[3:0]
RxD
TxD
INT0
INT1
T0
T1
WR
RD
P4[1:0]
I/O
Port 4
P4 is an 2-bit open port.
SCL
SDA
Signal
Name
Type
Description
Alternate
Function
XTAL1
I
Input to the on-chip inverting oscillator amplifier
To use the internal oscillator, a crystal/resonator circuit is connected to this
pin. If an external oscillator is used, its output is connected to this pin.
-
XTAL2
O
Output of the on-chip inverting oscillator amplifier
To use the internal oscillator, a crystal/resonator circuit is connected to this
pin. If an external oscillator is used, leave XTAL2 unconnected.
-
PLLF
I
PLL Low Pass Filter input
Receives the RC network of the PLL low pass filter (See Figure 4 on page
11 ).
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com