Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIL Datasheet(PDF) 19 Page - ATMEL Corporation

Part # AT89C5131A-RDTIL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIL Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIL Datasheet HTML 15Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 16Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 17Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 18Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 19Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 20Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 21Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 22Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 185 page
background image
19
AT89C5131A-L
4338E–USB–06/06
The table below shows all SFRs with their address and their reset value.
Note:
1. FCON access is reserved for the Flash API and ISP software.
Table 18. SFR Descriptions
Bit
Addressable
Non-Bit Addressable
0/8
1/9
2/A
3/B
4/C
5/D
6/E
7/F
F8h
UEPINT
0000 0000
CH
0000 0000
CCAP0H
XXXX XXXX
CCAP1H
XXXX XXXX
CCAP2H
XXXX XXXX
CCAP3H
XXXX XXXX
CCAP4H
XXXX XXXX
FFh
F0h
B
0000 0000
LEDCON
0000 0000
F7h
E8h
CL
0000 0000
CCAP0L
XXXX XXXX
CCAP1L
XXXX XXXX
CCAP2L
XXXX XXXX
CCAP3L
XXXX XXXX
CCAP4L
XXXX XXXX
EFh
E0h
ACC
0000 0000
UBYCTLX
0000 0000
UBYCTHX
0000 0000
E7h
D8h
CCON
00X0 0000
CMOD
00XX X000
CCAPM0
X000 0000
CCAPM1
X000 0000
CCAPM2
X000 0000
CCAPM3
X000 0000
CCAPM4
X000 0000
DFh
D0h
PSW
0000 0000
FCON (1)
XXXX 0000
EECON
XXXX XX00
UEPCONX
1000 0000
UEPRST
0000 0000
D7h
C8h
T2CON
0000 0000
T2MOD
XXXX XX00
RCAP2L
0000 0000
RCAP2H
0000 0000
TL2
0000 0000
TH2
0000 0000
UEPSTAX
0000 0000
UEPDATX
0000 0000
CFh
C0h
P4
XXXX 1111
UEPIEN
0000 0000
SPCON
0001 0100
SPSTA
0000 0000
SPDAT
XXXX XXXX
USBADDR
1000 0000
UEPNUM
0000 0000
C7h
B8h
IPL0
X000 000
SADEN
0000 0000
UFNUML
0000 0000
UFNUMH
0000 0000
USBCON
0000 0000
USBINT
0000 0000
USBIEN
0000 0000
BFh
B0h
P3
1111 1111
IEN1
X0XX X000
IPL1
X0XX X000
IPH1
X0XX X000
IPH0
X000 0000
B7h
A8h
IEN0
0000 0000
SADDR
0000 0000
CKCON1
0000 0000
AFh
A0h
P2
1111 1111
AUXR1
XXXX X0X0
PLLCON
XXXX XX00
PLLDIV
0000 0000
WDTRST
XXXX XXXX
WDTPRG
XXXX X000
A7h
98h
SCON
0000 0000
SBUF
XXXX XXXX
BRL
0000 0000
BDRCON
XXX0 0000
KBLS
0000 0000
KBE
0000 0000
KBF
0000 0000
9Fh
90h
P1
1111 1111
SSCON
0000 0000
SSCS
1111 1000
SSDAT
1111 1111
SSADR
1111 1110
97h
88h
TCON
0000 0000
TMOD
0000 0000
TL0
0000 0000
TL1
0000 0000
TH0
0000 0000
TH1
0000 0000
AUXR
XX0X 0000
CKCON0
0000 0000
8Fh
80h
P0
1111 1111
SP
0000 0111
DPL
0000 0000
DPH
0000 0000
PCON
00X1 0000
87h
0/8
1/9
2/A
3/B
4/C
5/D
6/E
7/F
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com