Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIL Datasheet(PDF) 81 Page - ATMEL Corporation

Part # AT89C5131A-RDTIL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIL Datasheet(HTML) 81 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIL Datasheet HTML 77Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 78Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 79Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 80Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 81Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 82Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 83Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 84Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 85Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 185 page
background image
81
AT89C5131A-L
4338E–USB–06/06
Table 64. IEN1 Register
IEN1 - Interrupt Enable Register (B1h)
Reset Value = X0XX X000b
Not bit addressable
7
6
5
4
3
2
1
0
-
EUSB
-
-
-
ESPI
ETWI
EKB
Bit
Number
Bit
Mnemonic
Description
7-
Reserved
6EUSB
USB Interrupt Enable bit
Cleared to disable USB interrupt.
Set to enable USB interrupt.
5-
Reserved
4-
Reserved
3-
Reserved
2
ESPI
SPI interrupt Enable bit
Cleared to disable SPI interrupt.
Set to enable SPI interrupt.
1ETWI
TWI interrupt Enable bit
Cleared to disable TWI interrupt.
Set to enable TWI interrupt.
0EKB
Keyboard interrupt Enable bit
Cleared to disable keyboard interrupt.
Set to enable keyboard interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com