Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIL Datasheet(PDF) 96 Page - ATMEL Corporation

Part # AT89C5131A-RDTIL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIL Datasheet(HTML) 96 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIL Datasheet HTML 92Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 93Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 94Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 95Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 96Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 97Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 98Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 99Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 100Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 185 page
background image
96
AT89C5131A-L
4338E–USB–06/06
Figure 47. SPI Interrupt Requests Generation
Registers
There are three registers in the module that provide control, status and data storage
functions. These registers are describes in the following paragraphs.
Serial Peripheral Control
Register (SPCON)
The Serial Peripheral Control Register does the following:
Selects one of the Master clock rates
Configure the SPI module as Master or Slave
Selects serial clock polarity and phase
Enables the SPI module
Frees the SS pin for a general-purpose
Table 74 describes this register and explains the use of each bit.
SSDIS
MODF
CPU Interrupt Request
SPI Receiver/Error
CPU Interrupt Request
SPI Transmitter
SPI
CPU Interrupt Request
SPIF
Table 74. SPCON Register
76
54
32
1
0
SPR2
SPEN
SSDIS
MSTR
CPOL
CPHA
SPR1
SPR0
Bit
Number
Bit Mnemonic
Description
7SPR2
Serial Peripheral Rate 2
Bit with SPR1 and SPR0 define the clock rate.
6
SPEN
Serial Peripheral Enable
Cleared to disable the SPI interface.
Set to enable the SPI interface.
5
SSDIS
SS Disable
Cleared to enable SS in both Master and Slave modes.
Set to disable SS in both Master and Slave modes. In Slave mode, this bit has
no effect if CPHA = “0”.
5MSTR
Serial Peripheral Master
Cleared to configure the SPI as a Slave.
Set to configure the SPI as a Master.
4CPOL
Clock Polarity
Cleared to have the SCK set to “0” in idle state.
Set to have the SCK set to “1” in idle state.
3CPHA
Clock Phase
Cleared to have the data sampled when the SCK leaves the idle state (see
CPOL).
Set to have the data sampled when the SCK returns to idle state (see CPOL).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com