Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIL Datasheet(PDF) 23 Page - ATMEL Corporation

Part # AT89C5131A-RDTIL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIL Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIL Datasheet HTML 19Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 20Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 21Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 22Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 23Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 24Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 25Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 26Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 185 page
background image
23
AT89C5131A-L
4338E–USB–06/06
Table 27. Keyboard SFRs
Mnemonic
Add
Name
7
654
32
10
KBF
9Eh
Keyboard Flag
Register
KBF7
KBF6
KBF5
KBF4
KBF3
KBF2
KBF1
KBF0
KBE
9Dh
Keyboard Input Enable
Register
KBE7
KBE6
KBE5
KBE4
KBE3
KBE2
KBE1
KBE0
KBLS
9Ch
Keyboard Level
Selector Register
KBLS7
KBLS6
KBLS5
KBLS4
KBLS3
KBLS2
KBLS1
KBLS0
Table 28. TWI SFRs
Mnemonic
Add
Name
7
654
32
10
SSCON
93h
Synchronous Serial
Control
CR2
SSIE
STA
STO
SI
AA
CR1
CR0
SSCS
94h
Synchronous Serial
Control-Status
SC4SC3
SC2SC1
SC0
-
-
-
SSDAT
95h
Synchronous Serial
Data
SD7
SD6
SD5
SD4
SD3
SD2
SD1
SD0
SSADR
96h
Synchronous Serial
Address
A7
A6
A5
A4
A3
A2
A1
A0
Table 29. SPI SFRs
Mnemonic
Add
Name
7
654
32
10
SPCON
C3h
Serial Peripheral
Control
SPR2
SPEN
SSDIS
MSTR
CPOL
CPHA
SPR1
SPR0
SPSTA
C4h
Serial Peripheral
Status-Control
SPIF
WCOL
SSERR
MODF
-
-
-
-
SPDAT
C5h
Serial Peripheral Data
R7
R6
R5
R4
R3
R2
R1
R0
Table 30. USB SFR’s
Mnemonic
Add
Name
76543
210
USBCON
BCh
USB Global Control
USBE
SUSPCLK
SDRMWUP
DETACH
UPRSM
RMWUPE
CONFG
FADDEN
USBADDR
C6h
USB Address
FEN
UADD6
UADD5
UADD4
UADD3
UADD2
UADD1
UADD0
USBINT
BDh
USB Global Interrupt
-
-
WUPCPU
EORINT
SOFINT
-
-
SPINT
USBIEN
BEh
USB Global Interrupt
Enable
-
-
EWUPCPU
EEORINT
ESOFINT
-
-
ESPINT
UEPNUM
C7h
USB Endpoint Number
-
-
-
-
EPNUM3
EPNUM2
EPNUM1
EPNUM0
UEPCONX
D4h
USB Endpoint X Control
EPEN
-
-
-
DTGL
EPDIR
EPTYPE1
EPTYPE0
UEPSTAX
CEh
USB Endpoint X Status
DIR
RXOUTB1
STALLRQ
TXRDY
STLCRC
RXSETUP
RXOUTB0
TXCMP
UEPRST
D5h
USB Endpoint Reset
-
EP6RST
EP5RST
EP4RST
EP3RST
EP2RST
EP1RST
EP0RST
UEPINT
F8h
USB Endpoint Interrupt
-
EP6INT
EP5INT
EP4INT
EP3INT
EP2INT
EP1INT
EP0INT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com