Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIL Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT89C5131A-RDTIL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIL Datasheet(HTML) 1 Page - ATMEL Corporation

  AT89C5131A-RDTIL Datasheet HTML 1Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 2Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 3Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 4Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 5Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 6Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 7Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 8Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 185 page
background image
Rev. 4338E–USB–06/06
Features
80C52X2 Core (6 Clocks per Instruction)
– Maximum Core Frequency 48 MHz in X1 Mode, 24 MHz in X2 Mode
– Dual Data Pointer
– Full-duplex Enhanced UART (EUART)
– Three 16-bit Timer/Counters: T0, T1 and T2
– 256 Bytes of Scratchpad RAM
16/32-Kbyte On-chip Flash EEPROM In-System Programming through USB
– Byte and Page (128 bytes) Erase and Write
– 100k Write Cycles
3-KbyteFlash EEPROM for Bootloader
– Byte and Page (128 bytes) Erase and Write
– 100k Write Cycles
1-Kbyte EEPROM Data (
– Byte and Page (128 bytes) Erase and Write
– 100k Write Cycles
On-chip Expanded RAM (ERAM): 1024 Bytes
Integrated Power Monitor (POR/PFD) to Supervise Internal Power Supply
USB 1.1 and 2.0 Full Speed Compliant Module with Interrupt on Transfer Completion
– Endpoint 0 for Control Transfers: 32-byte FIFO
– 6 Programmable Endpoints with In or Out Directions and with Bulk, Interrupt or
Isochronous Transfers
• Endpoint 1, 2, 3: 32-byte FIFO
• Endpoint 4, 5: 2 x 64-byte FIFO with Double Buffering (Ping-pong Mode)
• Endpoint 6: 2 x 512-byte FIFO with Double Buffering (Ping-pong Mode)
– Suspend/Resume Interrupts
– Power-on Reset and USB Bus Reset
– 48 MHz DPLL for Full-speed Bus Operation
– USB Bus Disconnection on Microcontroller Request
5 Channels Programmable Counter Array (PCA) with 16-bit Counter, High-speed
Output, Compare/Capture, PWM and Watchdog Timer Capabilities
Programmable Hardware Watchdog Timer (One-time Enabled with Reset-out): 50 ms to
6s at 4 MHz
Keyboard Interrupt Interface on Port P1 (8 Bits)
TWI (Two Wire Interface) 400Kbit/s
SPI Interface (Master/Slave Mode)
34 I/O Pins
4 Direct-drive LED Outputs with Programmable Current Sources: 2-6-10 mA Typical
4-level Priority Interrupt System (11 sources)
Idle and Power-down Modes
0 to 32 MHz On-chip Oscillator with Analog PLL for 48 MHz Synthesis
Industrial Temperature Range
Low Voltage Range Supply: 2.7V to 3.6V (3.0V to 3.6V required for USB)
Packages: SO28, PLCC52, VQFP64
8-bit Flash
Microcontroller
with Full Speed
USB Device
AT89C5131A-L


Similar Part No. - AT89C5131A-RDTIL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C5131A-RDTIL ATMEL-AT89C5131A-RDTIL Datasheet
2Mb / 184P
8-bit Flash Microcontroller with Full Speed USB Device
AT89C5131A-RDTIL ATMEL-AT89C5131A-RDTIL Datasheet
1Mb / 186P
8-bit Flash Microcontroller with Full Speed USB Device
More results

Similar Description - AT89C5131A-RDTIL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C5131 ATMEL-AT89C5131 Datasheet
2Mb / 176P
8-bit Flash Microcontroller with Full Speed USB Device
AT89C5130A-M ATMEL-AT89C5130A-M Datasheet
2Mb / 184P
8-bit Flash Microcontroller with Full Speed USB Device
AT89C5131A-L ATMEL-AT89C5131A-L Datasheet
2Mb / 184P
8-bit Flash Microcontroller with Full Speed USB Device
AT89C5130A-M ATMEL-AT89C5130A-M_06 Datasheet
2Mb / 186P
8-bit Flash Microcontroller with Full Speed USB Device
AT83C5134 ATMEL-AT83C5134 Datasheet
1Mb / 171P
8-bit Microcontroller with Full Speed USB Device
AT89C5130A-M ATMEL-AT89C5130A-M_08 Datasheet
1Mb / 188P
8-bit Flash Microcontroller with Full Speed USB Device
AT89C5131A-L ATMEL-AT89C5131A-L_07 Datasheet
1Mb / 186P
8-bit Flash Microcontroller with Full Speed USB Device
logo
Sanyo Semicon Device
LC87F1A32A SANYO-LC87F1A32A_09 Datasheet
181Kb / 26P
8-bit 1-chip Microcontroller with Full-Speed USB
LC87F1G64A SANYO-LC87F1G64A Datasheet
191Kb / 29P
8-bit 1-chip Microcontroller with Full-Speed USB
logo
NEC
UPD78F0730MC-CAB-AX NEC-UPD78F0730MC-CAB-AX Datasheet
426Kb / 2P
8-Bit Microcontroller with Full-Speed USB 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com