Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIL Datasheet(PDF) 92 Page - ATMEL Corporation

Part # AT89C5131A-RDTIL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIL Datasheet(HTML) 92 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIL Datasheet HTML 88Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 89Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 90Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 91Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 92Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 93Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 94Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 95Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 96Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 185 page
background image
92
AT89C5131A-L
4338E–USB–06/06
Functional Description
Figure 42 shows a detailed structure of the SPI module.
Figure 42. SPI Module Block Diagram
Operating Modes
The Serial Peripheral Interface can be configured as one of the two modes: Master
mode or Slave mode. The configuration and initialization of the SPI module is made
through one register:
The Serial Peripheral CONtrol register (SPCON)
Once the SPI is configured, the data exchange is made using:
•SPCON
The Serial Peripheral STAtus register (SPSTA)
The Serial Peripheral DATa register (SPDAT)
During an SPI transmission, data is simultaneously transmitted (shifted out serially) and
received (shifted in serially). A serial clock line (SCK) synchronizes shifting and sam-
pling on the two serial data lines (MOSI and MISO). A Slave Select line (SS) allows
individual selection of a Slave SPI device; Slave devices that are not selected do not
interfere with SPI bus activities.
When the Master device transmits data to the Slave device via the MOSI line, the Slave
device responds by sending data to the Master device via the MISO line. This implies
full-duplex transmission with both data out and data in synchronized with the same clock
(Figure 43).
Shift Register
0
1
2
3
4
5
6
7
Internal Bus
Pin
Control
Logic
MISO
MOSI
SCK
M
S
Clock
Logic
Clock
Divider
Clock
Select
/4
/64
/128
SPI Interrupt Request
8-bit bus
1-bit signal
SS
FCLK PERIPH
/32
/8
/16
Receive Data Register
SPDAT
SPI
Control
SPSTA
CPHA
SPR0
SPR1
CPOL
MSTR
SSDIS
SPEN
SPR2
SPCON
WCOL
MODF
SPIF
--
-
-
SSERR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com