Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIL Datasheet(PDF) 43 Page - ATMEL Corporation

Part # AT89C5131A-RDTIL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIL Datasheet(HTML) 43 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIL Datasheet HTML 39Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 40Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 41Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 42Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 43Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 44Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 45Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 46Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 47Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 185 page
background image
43
AT89C5131A-L
4338E–USB–06/06
In-System
Programming (ISP)
With the implementation of the User Space (FM0) and the Boot Space (FM1) in Flash
technology the AT89C5131 allows the system engineer the development of applications
with a very high level of flexibility. This flexibility is based on the possibility to alter the
customer program at any stages of a product’s life:
Before mounting the chip on the PCB, FM0 flash can be programmed with the
application code. FM1 is always preprogrammed by Atmel with a USB bootloader.(1)
Once the chip is mounted on the PCB, it can be programmed by serial mode via the
USB bus.
Note:
1. The user can also program his own bootloader in FM1.
This ISP allows code modification over the total lifetime of the product.
Besides the default Bootloaders Atmel provide customers all the needed Application-
Programming-Interfaces (API) which are needed for the ISP. The API are located in the
Boot memory.
This allow the customer to have a full use of the 32-Kbyte user memory.
Flash Programming and
Erasure
There are three methods for programming the Flash memory:
The Atmel bootloader located in FM1 is activated by the application. Low level API
routines (located in FM1)will be used to program FM0. The interface used for serial
downloading to FM0 is the USB. API can be called also by user’s bootloader located
in FM0 at [SBV]00h.
A further method exist in activating the Atmel boot loader by hardware activation.
See the Section “Hardware Registers”.
The FM0 can be programmed also by the parallel mode using a programmer.
Figure 22. Flash Memory Mapping
F400h
7FFFh
32K Bytes
Flash Memory
3K Bytes IAP
Bootloader
FM0
FM1
Custom
Bootloader
[SBV]00h
FFFFh
FM1 Mapped between F400h and FFFFh
when API Called
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com