Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIL Datasheet(PDF) 101 Page - ATMEL Corporation

Part # AT89C5131A-RDTIL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIL Datasheet(HTML) 101 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIL Datasheet HTML 97Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 98Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 99Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 100Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 101Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 102Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 103Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 104Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 105Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 185 page
background image
101
AT89C5131A-L
4338E–USB–06/06
Description
The CPU interfaces to the 2-wire logic via the following four 8-bit special function regis-
ters: the Synchronous Serial Control register (SSCON; Table 86), the Synchronous
Serial Data register (SSDAT; Table 87), the Synchronous Serial Control and Status reg-
ister (SSCS; Table 88) and the Synchronous Serial Address register (SSADR Table 89).
SSCON is used to enable the TWI interface, to program the bit rate (see Table 79), to
enable slave modes, to acknowledge or not a received data, to send a START or a
STOP condition on the 2-wire bus, and to acknowledge a serial interrupt. A hardware
reset disables the TWI module.
SSCS contains a status code which reflects the status of the 2-wire logic and the 2-wire
bus. The three least significant bits are always zero. The five most significant bits con-
tains the status code. There are 26 possible status codes. When SSCS contains F8h,
no relevant state information is available and no serial interrupt is requested. A valid sta-
tus code is available in SSCS one machine cycle after SI is set by hardware and is still
present one machine cycle after SI has been reset by software. to Table 85. give the
status for the master modes and miscellaneous states.
SSDAT contains a byte of serial data to be transmitted or a byte which has just been
received. It is addressable while it is not in process of shifting a byte. This occurs when
2-wire logic is in a defined state and the serial interrupt flag is set. Data in SSDAT
remains stable as long as SI is set. While data is being shifted out, data on the bus is
simultaneously shifted in; SSDAT always contains the last byte present on the bus.
SSADR may be loaded with the 7-bit slave address (7 most significant bits) to which the
TWI module will respond when programmed as a slave transmitter or receiver. The LSB
is used to enable general call address (00h) recognition.
Figure 50 shows how a data transfer is accomplished on the 2-wire bus.
Figure 50. Complete Data Transfer on 2-wire Bus
The four operating modes are:
Master Transmitter
Master Receiver
Slave transmitter
Slave receiver
Data transfer in each mode of operation is shown in Table to Table 85 and Figure 51. to
Figure 54.. These figures contain the following abbreviations:
S : START condition
R : Read bit (high level at SDA)
W: Write bit (low level at SDA)
SDA
SCL
S
start
condition
MSB
12
7
89
ACK
acknowledgement
signal from receiver
acknowledgement
signal from receiver
12
3-8
9
ACK
stop
condition
P
clock line held low
while interrupts are serviced



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com