Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIL Datasheet(PDF) 130 Page - ATMEL Corporation

Part # AT89C5131A-RDTIL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIL Datasheet(HTML) 130 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIL Datasheet HTML 126Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 127Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 128Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 129Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 130Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 131Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 132Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 133Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 134Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 185 page
background image
130
AT89C5131A-L
4338E–USB–06/06
Suspend/Resume Management
Suspend
The Suspend state can be detected by the USB controller if all the clocks are enabled
and if the USB controller is enabled. The bit SPINT is set by hardware when an idle
state is detected for more than 3 ms. This triggers a USB interrupt if enabled.
In order to reduce current consumption, the firmware can put the USB PAD in idle mode,
stop the clocks and put the C51 in Idle or Power-down mode. The Resume detection is
still active.
The USB PAD is put in idle mode when the firmware clear the SPINT bit. In order to
avoid a new suspend detection 3ms later, the firmware has to disable the USB clock
input using the SUSPCLK bit in the USBCON Register. The USB PAD automatically
exits of idle mode when a wake-up event is detected.
The stop of the 48 MHz clock from the PLL should be done in the following order:
1.
Clear suspend interrupt bit in USBINT (required to allow the USB pads to enter
power down mode).
2.
Enable USB resume interrupt.
3.
Disable of the 48 MHz clock input of the USB controller by setting to 1 the SUS-
PCLK bit in the USBCON register.
4.
Disable the PLL by clearing the PLLEN bit in the PLLCON register.
5.
Make the CPU core enter power down mode by setting PDOWN bit in PCON.
Resume
When the USB controller is in Suspend state, the Resume detection is active even if all
the clocks are disabled and if the C51 is in Idle or Power-down mode. The WUPCPU bit
is set by hardware when a non-idle state occurs on the USB bus. This triggers an inter-
rupt if enabled. This interrupt wakes up the CPU from its Idle or Power-down state and
the interrupt function is then executed. The firmware will first enable the 48 MHz gener-
ation and then reset to 0 the SUSPCLK bit in the USBCON register if needed.
The firmware has to clear the SPINT bit in the USBINT register before any other USB
operation in order to wake up the USB controller from its Suspend mode.
The USB controller is then re-activated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com