Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIL Datasheet(PDF) 138 Page - ATMEL Corporation

Part # AT89C5131A-RDTIL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIL Datasheet(HTML) 138 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIL Datasheet HTML 134Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 135Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 136Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 137Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 138Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 139Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 140Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 141Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 142Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 185 page
background image
138
AT89C5131A-L
4338E–USB–06/06
Table 94. USBIEN Register
USBIEN (S:BEh)
USB Global Interrupt Enable Register
Reset Value = 10h
Table 95. USBADDR Register
USBADDR (S:C6h)
USB Address Register
Reset Value = 80h
76
54
32
1
0
-
-
EWUPCPU
EEORINT
ESOFINT
-
-
ESPINT
Bit Number Bit Mnemonic Description
7-6
-
Reserved
The value read from these bits is always 0. Do not set these bits.
5EWUPCPU
Enable Wake Up CPU Interrupt
Set this bit to enable Wake Up CPU Interrupt. (See “USBIEN Register
USBIEN (S:BEh) USB Global Interrupt Enable Register” on page 138.)
Clear this bit to disable Wake Up CPU Interrupt.
4EEOFINT
Enable End Of Reset Interrupt
Set this bit to enable End Of Reset Interrupt. (See “USBIEN Register USBIEN
(S:BEh) USB Global Interrupt Enable Register” on page 138.). This bit is set
after reset.
Clear this bit to disable End Of Reset Interrupt.
3ESOFINT
Enable SOF Interrupt
Set this bit to enable SOF Interrupt. (See “USBIEN Register USBIEN (S:BEh)
USB Global Interrupt Enable Register” on page 138.).
Clear this bit to disable SOF Interrupt.
2-
Reserved
The value read from these bits is always 0. Do not set these bits.
1-
0
ESPINT
Enable Suspend Interrupt
Set this bit to enable Suspend Interrupts (see the “USBIEN Register USBIEN
(S:BEh) USB Global Interrupt Enable Register” on page 138).
Clear this bit to disable Suspend Interrupts.
76
54
32
1
0
FEN
UADD6
UADD5
UADD4
UADD3
UADD2
UADD1
UADD0
Bit Number
Bit
Mnemonic Description
7FEN
Function Enable
Set this bit to enable the address filtering function.
Cleared this bit to disable the function.
6-0
UADD[6:0]
USB Address
This field contains the default address (0) after power-up or USB bus reset.
It will be written with the value set by a SET_ADDRESS request received by the
device firmware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com