Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIL Datasheet(PDF) 173 Page - ATMEL Corporation

Part # AT89C5131A-RDTIL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIL Datasheet(HTML) 173 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIL Datasheet HTML 169Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 170Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 171Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 172Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 173Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 174Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 175Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 176Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 177Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 185 page
background image
173
AT89C5131A-L
4338E–USB–06/06
USB AC Parameters
SPI Interface AC Parameters
Definition of Symbols
Table 127. SPI Interface Timing Symbol Definitions
Rise Time
Fall Time
VCRS
Differential
Data Lines
90%
10%
90%
10%
tR
tF
VHmin
VLmax
Table 126. USB AC Parameters
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
tR
Rise Time
4
20
ns
tF
Fall Time
4
20
ns
tFDRATE
Full-speed Data Rate
11.9700
12.0300
Mb/s
VCRS
Crossover Voltage
1.3
2.0
V
tDJ1
Source Jitter Total to Next
Transaction
-3.5
3.5
ns
t
DJ2
Source Jitter Total for Paired
Transactions
-4
4
ns
tJR1
Receiver Jitter to Next
Transaction
-18.5
18.5
ns
tJR2
Receiver Jitter for Paired
Transactions
-9
9
ns
Signals
Conditions
CClock
H
High
I
Data In
L
Low
OData Out
V
Valid
X
No Longer Valid
ZFloating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com