Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH5721 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # SFH5721
Description  Chip LED Digital Ambient Light Sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH5721 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button SFH5721 Datasheet HTML 3Page - OSRAM GmbH SFH5721 Datasheet HTML 4Page - OSRAM GmbH SFH5721 Datasheet HTML 5Page - OSRAM GmbH SFH5721 Datasheet HTML 6Page - OSRAM GmbH SFH5721 Datasheet HTML 7Page - OSRAM GmbH SFH5721 Datasheet HTML 8Page - OSRAM GmbH SFH5721 Datasheet HTML 9Page - OSRAM GmbH SFH5721 Datasheet HTML 10Page - OSRAM GmbH SFH5721 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
SFH 5721
DATASHEET
DATASHEET
7 | Version 1.1 | 2022-02-28
Measurement modes
Mode
Description
Continuous
Mode
In continuous mode, the IC continuously performs measurements. Interrupt pin is
configured as output and the interrupt functionality can be configured using interrupt
configuration registers. Interrupt persistence can be configured in a way that an
interrupt is generated after every measurement. Wait time between measurements
can be set by user.
Single-shot
Mode
In single-shot mode, the IC performs a single measurement and returns to stand-
by state. Single measurement is initiated by I2C command. Interrupt is disabled in
this mode.
Synchronous
Mode
In synchronous mode, the IC continuously performs measurements. The start of the
measurements is initiated by a negative edge of the pulse detected on the interrupt
pin. Interrupt pin is initially configured as input. After initiation of the measurements,
the interrupt pin is configured as output. Interrupt functionality can be configured
using interrupt configuration registers. Interrupt persistence can be configured in a
way that an interrupt is generated after every measurement. Wait time between
measurements can be set by user.
Synchronous
Single-shot
Mode
In synchronous single-shot mode, the IC performs a single measurement and
returns to stand-by state. The start of the single measurement is initiated by a
negative edge of the pulse detected on the interrupt pin. Interrupt pin is configured
as input. Interrupt is disabled in this mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com