Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH5721 Datasheet(PDF) 39 Page - OSRAM GmbH

Part # SFH5721
Description  Chip LED Digital Ambient Light Sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH5721 Datasheet(HTML) 39 Page - OSRAM GmbH

Back Button SFH5721 Datasheet HTML 35Page - OSRAM GmbH SFH5721 Datasheet HTML 36Page - OSRAM GmbH SFH5721 Datasheet HTML 37Page - OSRAM GmbH SFH5721 Datasheet HTML 38Page - OSRAM GmbH SFH5721 Datasheet HTML 39Page - OSRAM GmbH SFH5721 Datasheet HTML 40Page - OSRAM GmbH SFH5721 Datasheet HTML 41Page - OSRAM GmbH SFH5721 Datasheet HTML 42Page - OSRAM GmbH SFH5721 Datasheet HTML 43Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
SFH 5721
DATASHEET
DATASHEET
39 | Version 1.1 | 2022-02-28
Sample Code
This section introduces you to a very basic dummy code for implementation of the Sensor. The write
and read register functions are hardware dependent. The following code example shows you how to
reset the sensor, do the interrupt a measurement configuration and finally how to start and get data
from the sensor.
Reset:
// Reset Sensor to default state
I2C_8_write_register(0x00, 0b10000000); // Reset in Operation selection register
Example Configuration:
// Example Configurate for interrupt settings
I2C_8_write_register(0x02, 0b00110000); // Enable High & Low IR for ALS Channel
I2C_8_write_register(0x03, 0b00100000); // Configurate IR settings
I2C_8_write_register(0x04, 0b11001100); // Define Low Threshold LSB (30% of 16bit)
I2C_8_write_register(0x05, 0b01001100); // Define Low Threshold MSB (30% of 16bit)
I2C_8_write_register(0x06, 0b11111111); // Define High Threshold LSB (75% of 16bit)
I2C_8_write_register(0x07, 0b10111111); // Define High Threshold MSB (75% of 16bit)
// Example Configuration for measurement settings
I2C_8_write_register(0x09, 0b00111001); // Set AGAIN=4 & IT=25ms in MCONFA
I2C_8_write_register(0x0A, 0b00011000); // Set Wait=100ms & DGAIN=1 in MCONFB
I2C_8_write_register(0x0B, 0b00010100); // Set LPFDEPTH=3 & enable Filter in MCONFC
Enable:
// Start Procedure by enabling required mode and channel
I2C_8_write_register(0x00, 0b00000100); // Enable Async Continuous mode & ALS Channel
Readout manually or after number of interrupts:
// Read and print out sensor data from ALS Data Register Addresses of i2c address
LSB = I2C_8_read_register(0x26, 0x10); // Read DATA3L register from sensor address
MSB = I2C_8_read_register(0x26, 0x11); // Read DATA3H register from sensor address
ALS_count = (MSB << 8) | LSB;
// Shifting together LSB & MSB for ALS channel counts
Print(ALS_count);
// Print out ALS count



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com