Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH5721 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # SFH5721
Description  Chip LED Digital Ambient Light Sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH5721 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button SFH5721 Datasheet HTML 6Page - OSRAM GmbH SFH5721 Datasheet HTML 7Page - OSRAM GmbH SFH5721 Datasheet HTML 8Page - OSRAM GmbH SFH5721 Datasheet HTML 9Page - OSRAM GmbH SFH5721 Datasheet HTML 10Page - OSRAM GmbH SFH5721 Datasheet HTML 11Page - OSRAM GmbH SFH5721 Datasheet HTML 12Page - OSRAM GmbH SFH5721 Datasheet HTML 13Page - OSRAM GmbH SFH5721 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
SFH 5721
DATASHEET
DATASHEET
10 | Version 1.1 | 2022-02-28
Recommended operating conditions
TA = 25 °C
Parameter
Symbol
Values
Supply Voltage 1)
VDD
min.
max.
2.1 V
3.6 V
Supply Voltage Rise Time 1)
SVDD
min.
1 V/ ms
Supply Current
(Specified for three channels, dark condition, continuous
mode, default settings)
IVDD
typ.
265 µA
Shutdown Current
(Dark condition, all channels disabled)
typ.
0.315 µA
I2C-Clock Frequency
(I2C fast mode)
fSCL
min.
max.
0 kHz
400 kHz
SCL, SDA Input High Voltage
VBUS
min.
max.
0.53* VDD
VDD
INT Output Low Voltage
(6 mA sink current)
min.
max.
0 V
0.4 V
1)
Both VDD minimum SVDD must be met for guaranteed device operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com