Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH5721 Datasheet(PDF) 33 Page - OSRAM GmbH

Part # SFH5721
Description  Chip LED Digital Ambient Light Sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH5721 Datasheet(HTML) 33 Page - OSRAM GmbH

Back Button SFH5721 Datasheet HTML 29Page - OSRAM GmbH SFH5721 Datasheet HTML 30Page - OSRAM GmbH SFH5721 Datasheet HTML 31Page - OSRAM GmbH SFH5721 Datasheet HTML 32Page - OSRAM GmbH SFH5721 Datasheet HTML 33Page - OSRAM GmbH SFH5721 Datasheet HTML 34Page - OSRAM GmbH SFH5721 Datasheet HTML 35Page - OSRAM GmbH SFH5721 Datasheet HTML 36Page - OSRAM GmbH SFH5721 Datasheet HTML 37Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 54 page
background image
SFH 5721
DATASHEET
DATASHEET
33 | Version 1.1 | 2022-02-28
Measurement Configuration Register A (MCONFA)
0x09
Bit
NAME
R/W
Default
Description
7
-
R/W
0
Not used
6:3
IT[3:0]
R/W
1000
Integration Time Selection
2:0
AGAIN[2:0]
R/W
000
Analog Gain Selection
The MCONFA register is used to set the analog gain and the ADC integration time of the
measurements. If a measurement is running, writing MCONFA will restart the measurement.
AGAIN[2:0]
OPERATION
000
Analog gain is 1
001
Analog gain is 4
010
Analog gain is 16
011
Analog gain is 128
100 to 111
Analog gain is 256
IT[3:0]
OPERATION
0000
Integration time is 0.2ms
0001
Integration time is 0.4ms
0010
Integration time is 0.8ms
0011
Integration time is 1.6ms
0100
Integration time is 3.1ms
0101
Integration time is 6.3ms
0110
Integration time is 12.5ms
0111
Integration time is 25ms
1000
Integration time is 50ms
1001
Integration time is 100ms
1010
Integration time is 200ms
1011
Integration time is 400ms
1100
Integration time is 800ms
1101 to 1111
Integration time is 1600ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com