Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH5721 Datasheet(PDF) 27 Page - OSRAM GmbH

Part # SFH5721
Description  Chip LED Digital Ambient Light Sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH5721 Datasheet(HTML) 27 Page - OSRAM GmbH

Back Button SFH5721 Datasheet HTML 23Page - OSRAM GmbH SFH5721 Datasheet HTML 24Page - OSRAM GmbH SFH5721 Datasheet HTML 25Page - OSRAM GmbH SFH5721 Datasheet HTML 26Page - OSRAM GmbH SFH5721 Datasheet HTML 27Page - OSRAM GmbH SFH5721 Datasheet HTML 28Page - OSRAM GmbH SFH5721 Datasheet HTML 29Page - OSRAM GmbH SFH5721 Datasheet HTML 30Page - OSRAM GmbH SFH5721 Datasheet HTML 31Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 54 page
background image
SFH 5721
DATASHEET
DATASHEET
27 | Version 1.1 | 2022-02-28
Interrupt Configuration Register (ICONF)
0x03
Bit
NAME
R/W
Default
Description
7:6
-
R/W
00
Not used
5
ICC
R/W
0
Interrupt Clear Configuration
4
IOA
R/W
0
Interrupt Or-And Configuration
3:0
IPERS[3:0]
R/W
0000
Persistence Configuration
The ICONF register is used to configure the interrupt function of the IC. The register controls the
filtering interrupt capability of the device by IPERS[3:0] bits. Configurable filtering is provided to allow
interrupts to be generated after each ADC integration cycle or if the ADC integration has produced
a result that is outside of the values specified by high or low threshold register for some specified
amount of time. When multiple readout channels are enabled, IOA (Interrupt-Or-And) bit determine
if interrupt is generated when a single channel generates the interrupt (Or) or if all enabled channels
whose interrupt is enabled generate the interrupt (And). Clearing of the interrupt is configured by
ICC bit. If one of the Single Shot Modes is activated, the interrupt is activated for 24μs only and then
released again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com