Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH5721 Datasheet(PDF) 40 Page - OSRAM GmbH

Part # SFH5721
Description  Chip LED Digital Ambient Light Sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH5721 Datasheet(HTML) 40 Page - OSRAM GmbH

Back Button SFH5721 Datasheet HTML 36Page - OSRAM GmbH SFH5721 Datasheet HTML 37Page - OSRAM GmbH SFH5721 Datasheet HTML 38Page - OSRAM GmbH SFH5721 Datasheet HTML 39Page - OSRAM GmbH SFH5721 Datasheet HTML 40Page - OSRAM GmbH SFH5721 Datasheet HTML 41Page - OSRAM GmbH SFH5721 Datasheet HTML 42Page - OSRAM GmbH SFH5721 Datasheet HTML 43Page - OSRAM GmbH SFH5721 Datasheet HTML 44Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 54 page
background image
SFH 5721
DATASHEET
DATASHEET
40 | Version 1.1 | 2022-02-28
Interrupts
The interrupt feature of Digital Light Sensor (DLS) IC simplifies and improves system efficiency by
eliminating the need to poll the sensor for data. The DLS IC implements four interrupt threshold
registers that allow the user to define thresholds above and below a desired light level. The user can
also select which data is used (from which readout channel; IEN register) for interrupt generation
and if interrupt is generated when all enabled channels produce an interrupt (And) or if a single
channel produces an interrupt (Or); IOA bit. To further control when an interrupt occurs, the DLS IC
provides an interrupt persistence feature. This feature allows the user to specify the number of
conversion cycles for which an event exceeding the interrupt threshold must persist, before
generating an interrupt.
Both IENL and IENH must be set to HIGH to activate interrupt functionality of a single channel. The
interrupt is activated when the selected measurement data is higher than the high threshold value
(determined by registers IHTH and IHTL) or lower than the low threshold value (determined by
registers ILTH and ILTL) for a consecutive number of measurements (determined by the IPERS[3:0]
bits). The counter keeping track of the number of consecutive detections is reset when the
measurement data is between the high threshold value and the low threshold value. Once the
interrupt is activated it can only be reset through the I2C interface by reading the IFLAG or DATA1L
register (defined by ICC bit). When the interrupt is activated the interrupt pin (INT) is pulled low
(open-drain output).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com