Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH5721 Datasheet(PDF) 21 Page - OSRAM GmbH

Part # SFH5721
Description  Chip LED Digital Ambient Light Sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH5721 Datasheet(HTML) 21 Page - OSRAM GmbH

Back Button SFH5721 Datasheet HTML 17Page - OSRAM GmbH SFH5721 Datasheet HTML 18Page - OSRAM GmbH SFH5721 Datasheet HTML 19Page - OSRAM GmbH SFH5721 Datasheet HTML 20Page - OSRAM GmbH SFH5721 Datasheet HTML 21Page - OSRAM GmbH SFH5721 Datasheet HTML 22Page - OSRAM GmbH SFH5721 Datasheet HTML 23Page - OSRAM GmbH SFH5721 Datasheet HTML 24Page - OSRAM GmbH SFH5721 Datasheet HTML 25Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
SFH 5721
DATASHEET
DATASHEET
21 | Version 1.1 | 2022-02-28
Register Map (continued)
REGISTER
ADDR
REGISTER
NAME
BIT
7
BIT
6
BIT
5
BIT
4
BIT
3
BIT
2
BIT
1
BIT
0
R/W REGISTER
FUNCTION
0x0D
DATA1H(1
DATA1H[7:0]
R
Dark Data
high byte
register
(readout 1)
0
0
0
0
0
0
0
0
0x0E
DATA2L(1
DATA2L[7:0]
R
IR Data low
byte register
(readout 2)
0
0
0
0
0
0
0
0
0x0F
DATA2H(1
DATA2H[7:0]
R
IR Data high
byte register
(readout 2)
0
0
0
0
0
0
0
0
0x10
DATA3L(1
DATA3L[7:0]
R
ALS Data low
byte register
(readout 3)
0
0
0
0
0
0
0
0
0x11
DATA3H(1
DATA3H[7:0]
R
ALS Data low
byte register
(readout 3)
0
0
0
0
0
0
0
0
0x14
DEVID(2
-
-
-
-
DEVID[3:0]
R
Device ID
register
0
0
0
0
0
0
0
1
1)
The data registers are not updated while read is in progress. The update is delayed until the read
is finished.
2)
Calibration bits indicating Device ID are read into user register 0d20 during startup.
3)
“-“ = not used, always set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com