Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH5721 Datasheet(PDF) 36 Page - OSRAM GmbH

Part # SFH5721
Description  Chip LED Digital Ambient Light Sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH5721 Datasheet(HTML) 36 Page - OSRAM GmbH

Back Button SFH5721 Datasheet HTML 32Page - OSRAM GmbH SFH5721 Datasheet HTML 33Page - OSRAM GmbH SFH5721 Datasheet HTML 34Page - OSRAM GmbH SFH5721 Datasheet HTML 35Page - OSRAM GmbH SFH5721 Datasheet HTML 36Page - OSRAM GmbH SFH5721 Datasheet HTML 37Page - OSRAM GmbH SFH5721 Datasheet HTML 38Page - OSRAM GmbH SFH5721 Datasheet HTML 39Page - OSRAM GmbH SFH5721 Datasheet HTML 40Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 54 page
background image
SFH 5721
DATASHEET
DATASHEET
36 | Version 1.1 | 2022-02-28
Measurement Configuration Register C (MCONFC)
0x0B
Bit
NAME
R/W
Default
Description
7:6
-
R/W
00
Not used
5:4
LPFDEPTH[1:0]
R/W
00
Lowpass Filter Depth Selection
3
-
R/W
0
Not used
2
LPFEN3
R/W
0
Lowpass Filter Enable ALS Channel
1
LPFEN2
R/W
0
Lowpass Filter Enable IR Channel
0
LPFEN1
R/W
0
Lowpass Filter Enable Dark Channel
The MCONFC register is used to configure the digital low pass filtering of the measurement data. If
a measurement is running, writing MCONFC will restart the measurement.
LPFEN1
OPERATION
0
Digital lowpass filtering of readout Dark data is disabled
1
Digital lowpass filtering of readout Dark data is enabled
LPFEN2
OPERATION
0
Digital lowpass filtering of readout IR data is disabled
1
Digital lowpass filtering of readout IR data is enabled
LPFEN3
OPERATION
0
Digital lowpass filtering of readout ALS data is disabled
1
Digital lowpass filtering of readout ALS data is enabled
LPFDEPTH[1:0] OPERATION
00
Digital lowpass filter depth is 2
01
Digital lowpass filter depth is 3
10
Digital lowpass filter depth is 4
11
Digital lowpass filter depth is 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com