Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH5721 Datasheet(PDF) 11 Page - OSRAM GmbH

Part # SFH5721
Description  Chip LED Digital Ambient Light Sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH5721 Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button SFH5721 Datasheet HTML 7Page - OSRAM GmbH SFH5721 Datasheet HTML 8Page - OSRAM GmbH SFH5721 Datasheet HTML 9Page - OSRAM GmbH SFH5721 Datasheet HTML 10Page - OSRAM GmbH SFH5721 Datasheet HTML 11Page - OSRAM GmbH SFH5721 Datasheet HTML 12Page - OSRAM GmbH SFH5721 Datasheet HTML 13Page - OSRAM GmbH SFH5721 Datasheet HTML 14Page - OSRAM GmbH SFH5721 Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
SFH 5721
DATASHEET
DATASHEET
11 | Version 1.1 | 2022-02-28
ALS Channel Characteristics
TA = 25 °C
Parameter
Symbol
Values
Dark Current
AGAIN = 256; TINT = 50 ms; Dark Condition
Id
typ.
max.
0 count
11 count
Resolution
typ.
16 bit
Dynamic Range
min.
max.
0.001 lx
64000 lx
Sensitivity
AGAIN = 256; TINT = 1600 ms
SALS
typ.
0.00029
lx/ count
Integration Time
(Programmable)
Tint
min.
max.
0.2 ms
1600 ms
Wait Time
(Programmable)
Twait
min.
max.
0 s
12.8 s
Analog Gain
(Programmable)
AGAIN
min.
max.
1
256
Startup Time
(time after power supply until part react to I2C)
Tstart
min.
typ.
max.
2 ms
3 ms
4 ms
IR leakage
(% of max. response for wavelengths above 850nm)
typ.
0.1 %
Relative Sensitivity Deviation at 85 °C
(Compared to 25°C, VDD = 3 V, AGAIN = 16;
TINT = 100 ms)
typ.
-6 %
Field of view
(Half-power angle-50% of full power reading;
ref. to for specified and measured value)
Φ
typ.
52 °
Spectral angular shift
(Validated at 0° - 80° rotation angle)
max.
0.06 nm/°
Photocurrent variation for different light sources
(For light source with sharp peaks in photonic range,
max. variation of 10% can occur)
max.
5 %
Part to part variation
min.
max.
-5 %
5 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com