Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH5721 Datasheet(PDF) 22 Page - OSRAM GmbH

Part # SFH5721
Description  Chip LED Digital Ambient Light Sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH5721 Datasheet(HTML) 22 Page - OSRAM GmbH

Back Button SFH5721 Datasheet HTML 18Page - OSRAM GmbH SFH5721 Datasheet HTML 19Page - OSRAM GmbH SFH5721 Datasheet HTML 20Page - OSRAM GmbH SFH5721 Datasheet HTML 21Page - OSRAM GmbH SFH5721 Datasheet HTML 22Page - OSRAM GmbH SFH5721 Datasheet HTML 23Page - OSRAM GmbH SFH5721 Datasheet HTML 24Page - OSRAM GmbH SFH5721 Datasheet HTML 25Page - OSRAM GmbH SFH5721 Datasheet HTML 26Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 54 page
background image
SFH 5721
DATASHEET
DATASHEET
22 | Version 1.1 | 2022-02-28
Operation Selection Register (OPSEL)
0x00
Bit
NAME
R/W
Default
Description
7
RESET
R/W
0
Reset to Default State
6
-
R/W
0
Not used
5
SYNC
R/W
0
Synchronous Mode
4
SINGLE
R/W
0
Single-shot Mode
3
-
R/W
0
Not used
2
EN3
R/W
0
Enable Control ALS Channel
1
EN2
R/W
0
Enable Control IR Channel
0
EN1
R/W
0
Enable Control Dark Channel
The OPSEL register is used for selecting the operation of the IC.
The EN1 to EN3 bits are used for enabling the four readout channels. The SINGLE bit is used to
enable the single-shot operation mode. In single-shot operation mode a single measurement is
performed after which the circuit returns to standby. In single shot mode, the interrupt function is
disabled. The SYNC bit is used to enable the synchronous operation mode. In synchronous
operation mode, interrupt pin is used as input to enable the start of the measurement. The
measurement is started with the negative edge of the INT pin. The safest way of enabling SYNC
mode is by first making INT bit HIGH and then enabling the SYNC. The RESET bit is used for
restoring the default register settings. Writing a ‘1’ to the RESET bit will restore the default settings.
If a measurement is running, writing OPSEL register will restart the measurement. This is only the
case if one of the EN1 to EN3 bits are set to ‘1’ with this I2C write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com