Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH5721 Datasheet(PDF) 12 Page - OSRAM GmbH

Part # SFH5721
Description  Chip LED Digital Ambient Light Sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH5721 Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button SFH5721 Datasheet HTML 8Page - OSRAM GmbH SFH5721 Datasheet HTML 9Page - OSRAM GmbH SFH5721 Datasheet HTML 10Page - OSRAM GmbH SFH5721 Datasheet HTML 11Page - OSRAM GmbH SFH5721 Datasheet HTML 12Page - OSRAM GmbH SFH5721 Datasheet HTML 13Page - OSRAM GmbH SFH5721 Datasheet HTML 14Page - OSRAM GmbH SFH5721 Datasheet HTML 15Page - OSRAM GmbH SFH5721 Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 54 page
background image
SFH 5721
DATASHEET
DATASHEET
12 | Version 1.1 | 2022-02-28
ALS Channel Characteristics (continued)
TA = 25 °C
Parameter
Symbol
Values
ALS output 1
AGAIN = 1; DGAIN = 1; TINT = 50 ms; EV = 100 lx
COUNTALS
typ.
50
ALS output 2
AGAIN = 4; DGAIN = 1; TINT = 50 ms; EV = 100 lx
COUNTALS
typ.
200
ALS output 3
AGAIN = 16; DGAIN = 1; TINT = 50 ms; EV = 100 lx
COUNTALS
typ.
800
ALS output 4
AGAIN = 128; DGAIN = 1; TINT = 50 ms; EV = 100 lx
COUNTALS
typ.
6400
ALS output 5
AGAIN = 256; DGAIN = 1; TINT = 50 ms; EV = 100 lx
COUNTALS
typ.
12800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com