Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH5721 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH5721
Description  Chip LED Digital Ambient Light Sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH5721 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH5721 Datasheet HTML 1Page - OSRAM GmbH SFH5721 Datasheet HTML 2Page - OSRAM GmbH SFH5721 Datasheet HTML 3Page - OSRAM GmbH SFH5721 Datasheet HTML 4Page - OSRAM GmbH SFH5721 Datasheet HTML 5Page - OSRAM GmbH SFH5721 Datasheet HTML 6Page - OSRAM GmbH SFH5721 Datasheet HTML 7Page - OSRAM GmbH SFH5721 Datasheet HTML 8Page - OSRAM GmbH SFH5721 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
SFH 5721
DATASHEET
DATASHEET
4 | Version 1.1 | 2022-02-28
General description
The SFH5721 Digital Ambient Light Sensor combines an array of photodiodes and wide dynamic
range readout channels to enable ambient light and infrared sensing. In the figure below you can
see a simplified block diagram of the digital light sensor IC. The sensor consists of photopic, infrared
and dark channel integrated in one single chip. Three integrated ADCs convert the photodiode signal
into a digital output which can be accessed by an external microcontroller through I²C. Photopic filter
coating deposited on broadband photodiode provides near V lambda response. IR filter coating
covering the broadband photodiode provides a response to an IR light. Signal of the dark photodiode
is subtracted from the illumined photodiodes and is used for dark current compensation. An Interrupt
feature allows to detect a significant change in light intensity. Programmable interrupt threshold
register allows the user to define max and min levels above and below a desired light level. Read-
out and control of the sensor is accomplished through a two-wire serial I²C interface via set of
registers. The user can select two different slave addresses via an external address select pin. Both
integration time and gain of the ADC can also be programmed via control register.
Block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com