Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH5721 Datasheet(PDF) 42 Page - OSRAM GmbH

Part # SFH5721
Description  Chip LED Digital Ambient Light Sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH5721 Datasheet(HTML) 42 Page - OSRAM GmbH

Back Button SFH5721 Datasheet HTML 38Page - OSRAM GmbH SFH5721 Datasheet HTML 39Page - OSRAM GmbH SFH5721 Datasheet HTML 40Page - OSRAM GmbH SFH5721 Datasheet HTML 41Page - OSRAM GmbH SFH5721 Datasheet HTML 42Page - OSRAM GmbH SFH5721 Datasheet HTML 43Page - OSRAM GmbH SFH5721 Datasheet HTML 44Page - OSRAM GmbH SFH5721 Datasheet HTML 45Page - OSRAM GmbH SFH5721 Datasheet HTML 46Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 54 page
background image
SFH 5721
DATASHEET
DATASHEET
42 | Version 1.1 | 2022-02-28
I2C Protocol
Interface and control of the Digital Light Sensor (DLS) IC is accomplished through an I2C serial
compatible interface (standard or fast mode) to a set of registers that provide access to device control
functions and output data. Device address can be set to one of the two values found I table below.
The IC address depends on the voltage sensed on the ADDR pin.
ADDR
I2C Address (dec)
I2C Address (hex)
GND
7’d38
0x26
VDD
7’d39
0x27
The I2C standard provides for three types of bus transaction: read, write and a combined protocol.
During a write operation, the first byte written is a command byte followed by data. In a combined
protocol, the first byte written is the command byte followed by reading a series of bytes. If a read
command is issued, the register address from the previous command will be used for data access.
Likewise, if the MSB of the command is not set, the device will write a series of bytes at the address
stored in the last valid command with a register address. For a complete description of I2C protocols,
please review the I2C Specification at: http://www.NXP.com.
Start and Stop Conditions
SCL
SDA
S
P
START condition
STOP condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com