Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH5721 Datasheet(PDF) 25 Page - OSRAM GmbH

Part # SFH5721
Description  Chip LED Digital Ambient Light Sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH5721 Datasheet(HTML) 25 Page - OSRAM GmbH

Back Button SFH5721 Datasheet HTML 21Page - OSRAM GmbH SFH5721 Datasheet HTML 22Page - OSRAM GmbH SFH5721 Datasheet HTML 23Page - OSRAM GmbH SFH5721 Datasheet HTML 24Page - OSRAM GmbH SFH5721 Datasheet HTML 25Page - OSRAM GmbH SFH5721 Datasheet HTML 26Page - OSRAM GmbH SFH5721 Datasheet HTML 27Page - OSRAM GmbH SFH5721 Datasheet HTML 28Page - OSRAM GmbH SFH5721 Datasheet HTML 29Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 54 page
background image
SFH 5721
DATASHEET
DATASHEET
25 | Version 1.1 | 2022-02-28
Interrupt Enable Register (IEN)
0x02
Bit
NAME
R/W
Default
Description
7:6
-
R/W
00
Not used
5
IENH3
R/W
0
Interrupt Enable High Threshold ALS Channel
4
IENL3
R/W
0
Interrupt Enable Low Threshold ALS Channel
3
IENH2
R/W
0
Interrupt Enable High Threshold IR Channel
2
IENL2
R/W
0
Interrupt Enable Low Threshold IR Channel
1
IENH1
R/W
0
Interrupt Enable High Threshold Dark Channel
0
IENL1
R/W
0
Interrupt Enable Low Threshold Dark Channel
The IEN register is used to enable the interrupt functions of the IC. Both IEL and IEH of a channel
must be set to HIGH, to activate interrupt functionality of this single channel.
IENL1
OPERATION
0
Readout Dark low threshold interrupt function is disabled
1
Readout Dark low threshold interrupt function is enabled
IENH1
OPERATION
0
Readout Dark high threshold interrupt function is disabled
1
Readout Dark high threshold interrupt function is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com