Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH5721 Datasheet(PDF) 31 Page - OSRAM GmbH

Part # SFH5721
Description  Chip LED Digital Ambient Light Sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH5721 Datasheet(HTML) 31 Page - OSRAM GmbH

Back Button SFH5721 Datasheet HTML 27Page - OSRAM GmbH SFH5721 Datasheet HTML 28Page - OSRAM GmbH SFH5721 Datasheet HTML 29Page - OSRAM GmbH SFH5721 Datasheet HTML 30Page - OSRAM GmbH SFH5721 Datasheet HTML 31Page - OSRAM GmbH SFH5721 Datasheet HTML 32Page - OSRAM GmbH SFH5721 Datasheet HTML 33Page - OSRAM GmbH SFH5721 Datasheet HTML 34Page - OSRAM GmbH SFH5721 Datasheet HTML 35Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 54 page
background image
SFH 5721
DATASHEET
DATASHEET
31 | Version 1.1 | 2022-02-28
Interrupt Flag Register (IFLAG)
0x08
Bit
NAME
R/W
Default
Description
7:6
-
R/W
00
Not used
5
IFHT3
R/W
0
Interrupt Flag high side ALS Channel
4
IFLT3
R/W
0
Interrupt Flag low side ALS Channel
3
IFHT2
R/W
0
Interrupt Flag high side IR Channel
2
IFLT2
R/W
0
Interrupt Flag low side IR Channel
1
IFHT1
R/W
0
Interrupt Flag high side Dark Channel
0
IFLT1
R/W
0
Interrupt Flag low side Dark Channel
The IFLAG register is used to register the appropriate interrupt event. Once an interrupt is triggered,
it can only be cleared by the master. Reading the IFLAG register (DATA1L register if ICC is set to
‘1’) or issuing a RESET command or enabling the synchronous mode together with single-shot mode
will clear the interrupt flag register.
IFLT1
OPERATION
0
Readout Dark low side interrupt is cleared or not triggered yet.
1
Readout Dark low side interrupt is triggered. The interrupt is cleared when
IFLAG (DATA1L*) register is read.
IFHT1
OPERATION
0
Readout Dark high side interrupt is cleared or not triggered yet.
1
Readout Dark high side interrupt is triggered. The interrupt is cleared when
IFLAG (DATA1L*) register is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com