Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH5721 Datasheet(PDF) 35 Page - OSRAM GmbH

Part # SFH5721
Description  Chip LED Digital Ambient Light Sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH5721 Datasheet(HTML) 35 Page - OSRAM GmbH

Back Button SFH5721 Datasheet HTML 31Page - OSRAM GmbH SFH5721 Datasheet HTML 32Page - OSRAM GmbH SFH5721 Datasheet HTML 33Page - OSRAM GmbH SFH5721 Datasheet HTML 34Page - OSRAM GmbH SFH5721 Datasheet HTML 35Page - OSRAM GmbH SFH5721 Datasheet HTML 36Page - OSRAM GmbH SFH5721 Datasheet HTML 37Page - OSRAM GmbH SFH5721 Datasheet HTML 38Page - OSRAM GmbH SFH5721 Datasheet HTML 39Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 54 page
background image
SFH 5721
DATASHEET
DATASHEET
35 | Version 1.1 | 2022-02-28
WAIT[3:0]
OPERATION*
0000
Wait time between measurements is 0 * 6.1 µs (0 ms)
0001
Wait time between measurements is 2^7 * 6.1 µs (0.78 ms)
0010
Wait time between measurements is 2^8 * 6.1 µs (1.56 ms)
0011
Wait time between measurements is 2^9 * 6.1 µs (3.12 ms)
0100
Wait time between measurements is 2^10 * 6.1 µs (6.24 ms)
0101
Wait time between measurements is 2^11 * 6.1 µs (12.5 ms)
0110
Wait time between measurements is 2^12 * 6.1 µs (25 ms)
0111
Wait time between measurements is 2^13 * 6.1 µs (50 ms)
1000
Wait time between measurements is 2^14 * 6.1 µs (100 ms)
1001
Wait time between measurements is 2^15 * 6.1 µs (200 ms)
1010
Wait time between measurements is 2^16 * 6.1 µs (400 ms)
1011
Wait time between measurements is 2^17 * 6.1 µs (800 ms)
1100
Wait time between measurements is 2^18 * 6.1 µs (1.6 s)
1101
Wait time between measurements is 2^19 * 6.1 µs (3.2 s)
1110
Wait time between measurements is 2^20 * 6.1 µs (6.4 s)
1111
Wait time between measurements is 2^21 * 6.1 µs (12.8s)
* 6.1us = PCLKS = period of the low power clock (CLKS) which has a frequency of 164kHz.
SUB
OPERATION
0
Subtraction is disabled
1
Readout 1 data is used for subtraction from other readout channels
DGAIN[2:0]
OPERATION
000
Digital gain is 1
001
Digital gain is 2
010
Digital gain is 4
011
Digital gain is 8
1xx
Digital gain is 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com