Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH5721 Datasheet(PDF) 19 Page - OSRAM GmbH

Part # SFH5721
Description  Chip LED Digital Ambient Light Sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH5721 Datasheet(HTML) 19 Page - OSRAM GmbH

Back Button SFH5721 Datasheet HTML 15Page - OSRAM GmbH SFH5721 Datasheet HTML 16Page - OSRAM GmbH SFH5721 Datasheet HTML 17Page - OSRAM GmbH SFH5721 Datasheet HTML 18Page - OSRAM GmbH SFH5721 Datasheet HTML 19Page - OSRAM GmbH SFH5721 Datasheet HTML 20Page - OSRAM GmbH SFH5721 Datasheet HTML 21Page - OSRAM GmbH SFH5721 Datasheet HTML 22Page - OSRAM GmbH SFH5721 Datasheet HTML 23Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 54 page
background image
SFH 5721
DATASHEET
DATASHEET
19 | Version 1.1 | 2022-02-28
Register Set
The Digital Light Sensor (DLS) IC is controlled and monitored by data registers and a command
register accessed through the serial interface. These registers provide for a variety of control
functions and can be read to determine results of the ADC conversions.
For guaranteed startup operation (specifically with a low VDD voltage and a slow VDD rise time) the
following sequence is recommended immediately following power up:
Sequence
Description
1.
VDD power up
2.
Wait 5 ms
3.
Start I2C-addr, 0x62, 0x55, stop
4.
Start I2C-addr, 0xEC, stop
5.
Wait 5 ms
6.
IC is ready for use
Pointer Register
I2C Pointer Register
Bit
NAME
R/W
Default
Description
7:6
-
R/W
00
Not used
5:0
REGSEL[5:0]
R/W
00 0000
Register Select
The SFH 5721 operates in slave mode and is designed for I2C fast mode (400 kHz). The I2C
pointer register is used to select a register for I2C reading and writing. For the selection of the
different SFH 5721 registers you only need 6 bits, B6 and B7 must be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com