Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH5721 Datasheet(PDF) 24 Page - OSRAM GmbH

Part # SFH5721
Description  Chip LED Digital Ambient Light Sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH5721 Datasheet(HTML) 24 Page - OSRAM GmbH

Back Button SFH5721 Datasheet HTML 20Page - OSRAM GmbH SFH5721 Datasheet HTML 21Page - OSRAM GmbH SFH5721 Datasheet HTML 22Page - OSRAM GmbH SFH5721 Datasheet HTML 23Page - OSRAM GmbH SFH5721 Datasheet HTML 24Page - OSRAM GmbH SFH5721 Datasheet HTML 25Page - OSRAM GmbH SFH5721 Datasheet HTML 26Page - OSRAM GmbH SFH5721 Datasheet HTML 27Page - OSRAM GmbH SFH5721 Datasheet HTML 28Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 54 page
background image
SFH 5721
DATASHEET
DATASHEET
24 | Version 1.1 | 2022-02-28
Status Register (STAT)
0x01
Bit
NAME
R/W
Default
Description
7:3
-
R/W
00000
Not used
2
DRY3
R/W
0
Data Ready Status ALS Channel
1
DRY2
R/W
0
Data Ready Status IR Channel
0
DRY1
R/W
0
Data Ready Status Dark Channel
The STAT register is used for checking the status of the measurement data. The DRY bits indicate
whether new results are available. These status bits are cleared when the new measurement results
have been read (DATA registers).
DRY1
OPERATION
0
Data ready is cleared or not triggered yet.
1
Data ready is triggered. The status bit is cleared after data register DATA1H is
read.
DRY2
OPERATION
0
Data ready is cleared or not triggered yet.
1
Data ready is triggered. The status bit is cleared after data register DATA2H is
read.
DRY3
OPERATION
0
Data ready is cleared or not triggered yet.
1
Data ready is triggered. The status bit is cleared after data register DATA3H is
read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com