Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVP7002PZP Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TVP7002PZP
Description  TRIPLE 8-/10-BIT 165-/110-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP7002PZP Datasheet(HTML) 31 Page - Texas Instruments

Back Button TVP7002PZP Datasheet HTML 27Page - Texas Instruments TVP7002PZP Datasheet HTML 28Page - Texas Instruments TVP7002PZP Datasheet HTML 29Page - Texas Instruments TVP7002PZP Datasheet HTML 30Page - Texas Instruments TVP7002PZP Datasheet HTML 31Page - Texas Instruments TVP7002PZP Datasheet HTML 32Page - Texas Instruments TVP7002PZP Datasheet HTML 33Page - Texas Instruments TVP7002PZP Datasheet HTML 34Page - Texas Instruments TVP7002PZP Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
www.ti.com
Sync Separator Threshold
H-PLL Pre-Coast
H-PLL Post-Coast
TVP7002
SLES206 – MAY 2007
Subaddress
11h
Default (20h)
7
6
5
4
3
2
1
0
Sync Separator Threshold [7:0]
Sync Separator Threshold [7:0]: Sets how many internal clock reference periods the sync separator counts to before toggling high or low.
Sync Separator Threshold [7:0]
× (minimum clock period) must be greater than the width of the negative sync pulse. This setting can also
affect the position of the VSOUT. See register 22h.
Note: The internal clock reference is typically 6.3 MHz, but a minimum clock period of 133 ns is recommended to allow for clock variation.
Subaddress
12h
Default (00h)
7
6
5
4
3
2
1
0
Pre-Coast [7:0]
Pre-Coast [7:0]: Sets the number of HSYNC periods that coast becomes active prior to VSYNC leading edge.
Subaddress
13h
Default (00h)
7
6
5
4
3
2
1
0
Post-Coast [7:0]
Post-Coast [7:0]: Sets the number of HSYNC periods that coast stays active following VSYNC trailing edge. Post-Coast settings must be
extended to include Macrovision pseudo syncs when Macrovision is present.
Table 11. Recommended H-PLL Pre-Coast and H-PLL Post-Coast Settings
STANDARD
H-PLL PRE_COAST
H-PLL POST-COAST
480i/p with Macrovision
3
0Ch
576i/p with Macrovision
3
0Ch
1080i
0
0
1080p
0
0
720p
0
0
31
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com