Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVP7002PZP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TVP7002PZP
Description  TRIPLE 8-/10-BIT 165-/110-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP7002PZP Datasheet(HTML) 13 Page - Texas Instruments

Back Button TVP7002PZP Datasheet HTML 9Page - Texas Instruments TVP7002PZP Datasheet HTML 10Page - Texas Instruments TVP7002PZP Datasheet HTML 11Page - Texas Instruments TVP7002PZP Datasheet HTML 12Page - Texas Instruments TVP7002PZP Datasheet HTML 13Page - Texas Instruments TVP7002PZP Datasheet HTML 14Page - Texas Instruments TVP7002PZP Datasheet HTML 15Page - Texas Instruments TVP7002PZP Datasheet HTML 16Page - Texas Instruments TVP7002PZP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
www.ti.com
Programmable Gain Control
Programmable Offset Control
TVP7002
SLES206 – MAY 2007
The selection between bottom- and mid-level clamping is performed by I2C subaddress 10h (see
Sync-On-Green Threshold). The fine clamps must also be enabled via I2C register 2Ah for proper operation. The
internal clamping time can be adjusted using the I2C clamp start and width registers at subaddress 05h and 06h,
respectively (see Clamp Start and Clamp Width).
Table 2. Recommended Clamp Setting by Video Mode
SOG Input
Green ADC Ch
Red ADC Ch
Blue ADC Ch
Video Mode
(Y/G)
(Y/G)
(Pr/R)
(Pb/B)
YPbPr Component
Coarse
Fine Bottom-Level
Fine Mid-Level
Fine Mid-Level
PC Graphics
Coarse
Fine Bottom-Level
Fine Bottom-Level
Fine Bottom-Level
SCART-RGB
Coarse
Fine Bottom-Level
Fine Bottom-Level
Fine Bottom-Level
A single-pole low-pass filter with three selectable cutoff frequencies (0.5, 1.7, and 4.8 MHz) is implemented in
the feedback loop of the sync-tip clamp circuit.
The TVP7002 provides a 4-bit coarse analog gain control (before A/D conversion) and an 8-bit fine digital gain
control (after A/D conversion). The coarse analog gain and the fine digital gain are both independently
programmable for each ADC channel.
Coarse Gain Control
The 4-bit coarse analog gain control has a 4:1 linear gain control range defined by the following equation.
Coarse Gain = 0.5 + NCG/10, where 0 ≤ NCG ≤ 15
0.5
≤ Coarse_Gain ≤ 2.0
Default: NCG = 7 (Coarse_Gain = 1.2)
The 4-bit coarse gain control can scale a signal with a voltage-input compliance of 0.5-Vpp to 2-Vpp to a
full-scale 10-bit A/D output code range. The minimum gain corresponds to a code 0h (2-Vpp full-scale input,
–6-dB gain) while the maximum gain corresponds to code Fh (0.5-Vpp full-scale, +6 dB gain). The 4-bit coarse
gain control is independently controllable for each ADC channel (Red Coarse Gain, Green Coarse Gain, and
Blue Coarse Gain).
Fine Gain Control
The 8-bit fine digital gain control has a 2:1 linear gain control range defined by the following equation.
Fine Gain = 1.0 + NFG/256 where 0 ≤ NFG ≤ 255
1.0
≤ Fine Gain < 2.0
Default: NFG = 0 (Fine Gain = 1.0)
The 8-bit fine gain control is independently controllable for each ADC channel (Red Fine Gain, Green Fine Gain,
and Blue Fine Gain). For a normal PC graphics input, the fine gain is used mostly.
The TVP7002 provides a 6-bit coarse analog offset control (before A/D conversion) and a 10-bit fine digital offset
control (after A/D conversion). The coarse analog offset and the fine digital offset are both independently
programmable for each ADC channel.
Coarse Offset Control
A 6-bit code sets the coarse offset (Red Coarse Offset, Green Coarse Offset, Blue Coarse Offset) with individual
adjustment per channel. The coarse offset ranges from –32 counts to +31 counts. The coarse offset registers
apply before the ADC.
Fine Offset Control
A 10-bit fine offset registers (Red Fine Offset, Green Fine Offset, Blue Fine Offset) apply after the ADC. The fine
offset ranges from –512 counts to +511 counts.
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com