Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVP7002PZP Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TVP7002PZP
Description  TRIPLE 8-/10-BIT 165-/110-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP7002PZP Datasheet(HTML) 29 Page - Texas Instruments

Back Button TVP7002PZP Datasheet HTML 25Page - Texas Instruments TVP7002PZP Datasheet HTML 26Page - Texas Instruments TVP7002PZP Datasheet HTML 27Page - Texas Instruments TVP7002PZP Datasheet HTML 28Page - Texas Instruments TVP7002PZP Datasheet HTML 29Page - Texas Instruments TVP7002PZP Datasheet HTML 30Page - Texas Instruments TVP7002PZP Datasheet HTML 31Page - Texas Instruments TVP7002PZP Datasheet HTML 32Page - Texas Instruments TVP7002PZP Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
www.ti.com
Red Fine Offset MSBs
Sync Control 1
TVP7002
SLES206 – MAY 2007
Subaddress
0Dh
Default (80h)
7
6
5
4
3
2
1
0
Red Fine Offset [9:2]
Red Fine Offset [9:2]: 8 MSBs of 10-bit fine digital offset (brightness) for Red channel (applied after ADC). Corresponding two LSBs located
at register 1Dh. Offset binary value.
The default setting of 80h places the bottom-level (RGB) clamped output blank levels at 0 and mid-level clamped (PbPr) output blank levels
at 512.
FFh = Maximum fine offset
81h = 1 LSB
80h = 0 (default)
7Fh = –1 LSB
00h = Minimum fine offset
Subaddress
0Eh
Default (5Bh)
7
6
5
4
3
2
1
0
HSPO
HSIP
HSOP
AHSO
AHSS
VSOP
AVSO
AVSS
HSPO: HSYNC polarity override
0 = Polarity determined by chip (default)
1 = Polarity set by bit 6 in register 0Eh (not recommended)
HSIP: HSYNC input polarity
0 = Indicates input HSYNC polarity active low
1 = Indicates input HSYNC polarity active high (default)
HSOP: HSYNC output polarity
0 = Active low HSYNC output (default)
1 = Active high HSYNC output
Note: HSOP has no effect in raw sync bypass mode. See register 36h.
AHSO: Active HSYNC override
0 = Active HSYNC is automatically selected by TVP7002. If selected SOG and HSYNC inputs both have active inputs,
HSYNC is selected as the active sync source. The selected active HSYNC is provided via the AHS status bit (bit 6 of
register 14h).
1 = Active HSYNC is manually selected via the AHSS control bit (bit 3 of register 0Eh). (default)
Note: Automatic sync selection should be enabled only for 5-wire PC graphics inputs.
AHSS: Active HSYNC select. The indicated HSYNC is used only if the AHSO control bit (bit 4) is set to 1 or if activity is detected on both
the selected HSYNC input and the selected SOG input (bits 1, 7 = 1 in register 14h).
0 = Active HSYNC is derived from the selected HSYNC input
1 = Active HSYNC is derived from the selected SOG input (default)
VSOP: VSYNC output polarity
0 = Active low VSYNC output (default)
1 = Active high VSYNC output
AVSO: Active VSYNC override
0 = Active VSYNC is automatically selected by TVP7002. If selected SOG and VSYNC inputs both have active inputs, VSYNC
is selected as the active sync source. The selected active VSYNC is provided via the AVS status bit (bit 3 of register 14h).
1 = Active VSYNC is manually selected via the AVSS control bit (bit 0 of register 0Eh). (default)
Note: Automatic sync selection should be enabled only for 5-wire PC graphics inputs.
AVSS: Active VSYNC select. This bit is effective when the AVSO control bit (bit 1) is set to 1.
0 = Active VSYNC is derived from the selected VSYNC input
1 = Active VSYNC is derived from the Sync separated VSYNC (default)
29
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com