Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVP7002PZP Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TVP7002PZP
Description  TRIPLE 8-/10-BIT 165-/110-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP7002PZP Datasheet(HTML) 39 Page - Texas Instruments

Back Button TVP7002PZP Datasheet HTML 35Page - Texas Instruments TVP7002PZP Datasheet HTML 36Page - Texas Instruments TVP7002PZP Datasheet HTML 37Page - Texas Instruments TVP7002PZP Datasheet HTML 38Page - Texas Instruments TVP7002PZP Datasheet HTML 39Page - Texas Instruments TVP7002PZP Datasheet HTML 40Page - Texas Instruments TVP7002PZP Datasheet HTML 41Page - Texas Instruments TVP7002PZP Datasheet HTML 42Page - Texas Instruments TVP7002PZP Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
www.ti.com
Blue Digital ALC Output LSBs
Green Digital ALC Output LSBs
Red Digital ALC Output LSBs
Automatic Level Control Enable
Digital ALC Output MSBs
TVP7002
SLES206 – MAY 2007
Subaddress
23h
Read only
7
6
5
4
3
2
1
0
Blue ALC Out [7:0]
Blue ALC Out [7:0]: Eight LSBs of 10-bit filtered digital ALC output for Blue channel. The corresponding two MSBs are located at
subaddress 27h. With the internal ALC loop enabled, the ADC dynamic range can be maximized by adjusting the coarse offset settings
based on the ALC read back values. See registers 1Eh–20h for analog coarse offset control. Twos-complement value.
ALC Out[9:0] = ADC output – 512
For bottom-level clamped inputs (YRGB):
•
Target ADC output blank level = 16 to avoid bottom level clipping at ADC
ALC Out[9:0] = 16 – 512 = –496 = 210h
•
Starting from positive offset, decrement YRGB coarse offset until ALC Out [9:0]
≤ –496
For mid-level clamped inputs (PbPr):
•
Target ADC output blank level = 512
ALC Out[9:0] = 512 – 512 = 0
•
Starting from positive offset, decrement PbPr coarse offset until ALC Out [9:0]
≤ 0.
Subaddress
24h
Read only
7
6
5
4
3
2
1
0
Green ALC Out [7:0]
Green ALC Out [7:0]: Eight LSBs of 10-bit filtered digital ALC output for Green channel. The corresponding two MSBs are located at
subaddress 27h. Twos-complement value. Also see register 23h.
Subaddress
25h
Read only
7
6
5
4
3
2
1
0
Red ALC Out [7:0]
Red ALC Out [7:0]: Eight LSBs of 10-bit filtered digital ALC output for Red channel. The corresponding two MSBs are located at subaddress
27h. Twos-complement value. Also see register 23h.
Subaddress
26h
Default (80h)
7
6
5
4
3
2
1
0
ALC enable
Reserved
ALC enable: Active high automatic level control (ALC) enable
0 = ALC disabled
1 = ALC enabled (default)
See the ALC Placement register located at subaddress 31h.
Subaddress
27h
Read only
7
6
5
4
3
2
1
0
Reserved
Red ALC Out [9:8]
Green ALC Out [9:8]
Blue ALC Out [9:8]
Red ALC Out [9:8]: Two MSBs of 10-bit filtered digital ALC output for Red channel. The corresponding eight LSBs are located at
subaddress 25h. Twos-complement value.
Green ALC Out [9:8]: Two MSBs of 10-bit filtered digital ALC output for Green channel. The corresponding eight LSBs are located at
subaddress 24h. Twos-complement value.
Blue ALC Out [9:8]: Two MSBs of 10-bit filtered digital ALC output for Blue channel. The corresponding eight LSBs are located at
subaddress 23h. Twos-complement value.
39
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com