Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVP7002PZP Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TVP7002PZP
Description  TRIPLE 8-/10-BIT 165-/110-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP7002PZP Datasheet(HTML) 20 Page - Texas Instruments

Back Button TVP7002PZP Datasheet HTML 16Page - Texas Instruments TVP7002PZP Datasheet HTML 17Page - Texas Instruments TVP7002PZP Datasheet HTML 18Page - Texas Instruments TVP7002PZP Datasheet HTML 19Page - Texas Instruments TVP7002PZP Datasheet HTML 20Page - Texas Instruments TVP7002PZP Datasheet HTML 21Page - Texas Instruments TVP7002PZP Datasheet HTML 22Page - Texas Instruments TVP7002PZP Datasheet HTML 23Page - Texas Instruments TVP7002PZP Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
www.ti.com
Embedded Syncs
Output Range Limits
Power Management
TVP7002
SLES206 – MAY 2007
Standard with embedded syncs insert SAV and EAV codes into the data stream on the rising and falling edges
of AVID. These codes contain the V and F bits which also define vertical timing. Table 5 gives the format of the
SAV and EAV codes.
H equals 1 always indicates EAV. H equals 0 always indicates SAV. The alignment of V and F to the line and
field counter varies depending on the standard. The P bits are protection bits:
P3 = V xor H
P2 = F xor H
P1 = F xor V
P0 = F xor V xor H
Table 5. EAV and SAV Sequence
Y9 (MSB)
Y8
Y7
Y6
Y5
Y4
Y3
Y2
Y1
Y0
Preamble
1
1
1
1
1
1
1
1
1
1
Preamble
0
0
0
0
0
0
0
0
0
0
Preamble
0
0
0
0
0
0
0
0
0
0
Status
1
F
V
H
P3
P2
P1
P0
0
0
The insertion location of the SAV/EAV codes on a video line is programmable using the AVID start/stop pixel
values located at subaddresses 40h through 43h.
NOTE:
When enabled (bit 0 of subaddress 15h), embedded syncs are present in both the Y
and C outputs.
The TVP7002 provides selectable output range limits in I2C subaddress 15h:
00 = RGB coding range (Y, Cb, and Cr range from 0 to 1023) (default)
01 = Extended coding range (Y, Cb, and Cr range from 4 to 1019)
10 = ITU-R BT.601 coding range (Y ranges from 64 to 940, Cb and Cr range from 64 to 960)
11 = Reserved
NOTE:
RGB coding range not allowed with embedded syncs.
The TVP7002 supports both automatic and manual power-down modes. The automatic power-down mode can
be selected by setting bit 2 of subaddress 0Fh to logic 0.
In the automatic power-down mode, the TVP7002 powers down the ADCs, the ADC reference, and horizontal
PLL when activity is not detected on both the selected HSYNC input and the selected SOG input (VSYNC is no
longer used). The TVP7002 restores power whenever activity is detected on either the selected HSYNC input or
the selected SOG input.
The TVP7002 can also be placed in power down mode via the active high PWDN input (pin 70). When the
PWDN input is driven high, the TVP7002 powers down everything including the I2C interface and the digital
outputs are not placed in a high-impedance mode.
The TVP7002 can also be placed in a power down mode using bit 1 of register 0Fh.
Individual blocks of the TVP7002 can be independently powered down using register 2Bh.
20
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com