Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVP7002PZP Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TVP7002PZP
Description  TRIPLE 8-/10-BIT 165-/110-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP7002PZP Datasheet(HTML) 26 Page - Texas Instruments

Back Button TVP7002PZP Datasheet HTML 22Page - Texas Instruments TVP7002PZP Datasheet HTML 23Page - Texas Instruments TVP7002PZP Datasheet HTML 24Page - Texas Instruments TVP7002PZP Datasheet HTML 25Page - Texas Instruments TVP7002PZP Datasheet HTML 26Page - Texas Instruments TVP7002PZP Datasheet HTML 27Page - Texas Instruments TVP7002PZP Datasheet HTML 28Page - Texas Instruments TVP7002PZP Datasheet HTML 29Page - Texas Instruments TVP7002PZP Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
www.ti.com
Register Definitions
Chip Revision
H-PLL Feedback Divider MSBs
H-PLL Feedback Divider LSBs
H-PLL Control
TVP7002
SLES206 – MAY 2007
Subaddress
00h
Read Only
7
6
5
4
3
2
1
0
Chip revision [7:0]
Chip revision [7:0]: Chip revision number
Subaddress
01h
Default (67h)
7
6
5
4
3
2
1
0
PLL divide [11:4]
PLL divide [11:0]: Controls the 12-bit horizontal PLL feedback divider value which determines the number of pixels per line. PLL divide
[11:4] bits should be loaded first whenever a change is required.
Subaddress
02h
Default (20h)
7
6
5
4
3
2
1
0
PLL divide [3:0]
Reserved
PLL divide [11:0]: Controls the 12-bit horizontal PLL feedback divider value which determines the number of pixels per line. PLL divide
[11:4] bits should be loaded first whenever a change is required.
Subaddress
03h
Default (A8h)
7
6
5
4
3
2
1
0
VCO[1:0]
Charge Pump Current [2:0]
Reserved
VCO [1:0]: Selects VCO frequency range
VCO Gain
VCO Range
Pixel Clock Frequency (PCLK)
(KVCO)
00 =
75
Ultra low
PCLK < 36 MHz
01 =
85
Low
36 MHz
≤ PCLK < 70 MHz
10 =
150
Medium (default)
70 MHz
≤ PCLK < 135 MHz
11 =
200
High
135 MHz
≤ PCLK ≤ 165 MHz
Charge Pump Current [2:0]: Selects PLL charge pump current setting. The recommended charge pump current setting (ICP) can be
determined using the following equation.
ICP = 40 × KVCO/(pixels per line)
000 = 0: Small
101 = 5 (default)
111 = 7: Large
Note: Also see the "PLL and CLAMP Control" register at subaddress 0Fh.
26
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com