Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVP7002PZP Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # TVP7002PZP
Description  TRIPLE 8-/10-BIT 165-/110-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP7002PZP Datasheet(HTML) 45 Page - Texas Instruments

Back Button TVP7002PZP Datasheet HTML 41Page - Texas Instruments TVP7002PZP Datasheet HTML 42Page - Texas Instruments TVP7002PZP Datasheet HTML 43Page - Texas Instruments TVP7002PZP Datasheet HTML 44Page - Texas Instruments TVP7002PZP Datasheet HTML 45Page - Texas Instruments TVP7002PZP Datasheet HTML 46Page - Texas Instruments TVP7002PZP Datasheet HTML 47Page - Texas Instruments TVP7002PZP Datasheet HTML 48Page - Texas Instruments TVP7002PZP Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
www.ti.com
Clocks Per Line Status
HSYNC Width
VSYNC Width
Line Length Tolerance
Reserved
TVP7002
SLES206 – MAY 2007
Subaddress
39h–3Ah
Read only
Subaddress
7
6
5
4
3
2
1
0
39h
Clocks per Line [7:0]
3Ah
Reserved
Clocks per Line [11:8]
Clocks per Line [11:0]: Number of clock cycles per line. The value written to this register represents the length of the longest line per frame.
A known timing reference based on either the internal clock reference (~6.3 MHz) or an external clock reference input (EXT_CLK) of up to
27 MHz may be selected using subaddress 1Ah.
The clocks per line value may be used to determine the horizontal frequency (fH) of the video input.
fH = clock reference frequency / clocks per line
Note: The Clocks per Line counter is not dependent on the H-PLL being locked.
Subaddress
3Bh
Read only
7
6
5
4
3
2
1
0
HSYNC width [7:0]
HSYNC width [7:0]: Number of clock cycles between the leading and trailing edges of the HSYNC input. A known timing reference based on
either the internal clock reference (~6.3 MHz) or an external clock reference input (EXT_CLK) of up to 27 MHz may be selected using
subaddress 1Ah.
Note: The HSYNC width counter is not dependent on the H-PLL being locked.
Subaddress
3Ch
Read only
7
6
5
4
3
2
1
0
Reserved
VSYNC width [4:0]
VSYNC width [4:0]: Number of lines between the leading and trailing edges of the VSYNC input. The VSYNC width along with the HSYNC
and VSYNC polarities can be used to determine whether the input graphics format is using VESA-CVT generated timings.
Note: The VSYNC width counter is not dependent on the H-PLL being locked.
Subaddress
3Dh
Default (03h)
7
6
5
4
3
2
1
0
Reserved
Line length tolerance [6:0]
Line length tolerance [6:0]: Controls sensitivity to HSYNC input stability when using either the internal or external clock reference. Increasing
the line length tolerance may be required for input signals having horizontal instability. Effects the clock cycles per line counter (see
subaddresses 39h–3Ah)
00h = No tolerance (minimum)
03h = 3 line length tolerance (default)
7Fh = 127 line length tolerance (maximum)
Subaddress
3Eh
Default (04h)
7
6
5
4
3
2
1
0
Reserved [7:0]
Reserved [7:0]:
04h = Required setting (default)
45
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com