Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVP7002PZP Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # TVP7002PZP
Description  TRIPLE 8-/10-BIT 165-/110-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP7002PZP Datasheet(HTML) 44 Page - Texas Instruments

Back Button TVP7002PZP Datasheet HTML 40Page - Texas Instruments TVP7002PZP Datasheet HTML 41Page - Texas Instruments TVP7002PZP Datasheet HTML 42Page - Texas Instruments TVP7002PZP Datasheet HTML 43Page - Texas Instruments TVP7002PZP Datasheet HTML 44Page - Texas Instruments TVP7002PZP Datasheet HTML 45Page - Texas Instruments TVP7002PZP Datasheet HTML 46Page - Texas Instruments TVP7002PZP Datasheet HTML 47Page - Texas Instruments TVP7002PZP Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
www.ti.com
VSYNC Alignment
Sync Bypass
Lines Per Frame Status
TVP7002
SLES206 – MAY 2007
Subaddress
35h
Default (10h)
7
6
5
4
3
2
1
0
VS-HS Align [7:0]
VS-HS Align [7:0]: Specifies the number of pixels that the leading edge of the VSYNC output should be delayed or advanced relative to the
leading edge of the HSYNC output. The Field ID output is delayed by the same amount. Twos-complement number. This register has no
effect when either Sync bypass mode is enabled (see subaddresses 22h and 36h).
00h–7Fh = VSYNC leading edge delayed relative to the HSYNC leading edge
FFh–80h = VSYNC leading edge advanced relative to the HSYNC leading edge
Subaddress
36h
Default (00h)
7
6
5
4
3
2
1
0
Reserved
VS INV
HS INV
VS BP
HS BP
VS INV: VSYNC output polarity control. This bit only has an effect if the VSYNC bypass is asserted (bit 1 = 1).
0 = HSYNC output polarity matches input polarity (default)
1 = HSYNC output polarity inverted
HS INV: HSYNC output polarity control. This bit only has an effect if the HSYNC bypass is asserted (bit 0 = 1).
0 = HSYNC output polarity matches input polarity (default)
1 = HSYNC output polarity inverted
VS BP: VSYNC bypass. This bit enables bypassing the Sync processing block in order to output a raw unprocessed VSYNC.
0 = Normal operation (default)
1 = VSYNC bypass mode
HS BP: HSYNC bypass. This bit enables bypassing the Sync processing block in order to output a raw unprocessed HSYNC.
0 = Normal operation (default)
1 = HSYNC bypass mode
Note: See register 14h for input sync polarity detect.
Subaddress
37h–38h
Read only
Subaddress
7
6
5
4
3
2
1
0
37h
Lines per Frame [7:0]
38h
Reserved
mac detect
P/I detect
Reserved
Lines per Frame [11:8]
mac detect: Macrovision pseudo-sync detection status
0 = Macrovision not detected
1 = Macrovision detected
P/I detect: Progressive/interlaced video detection status. Not dependent on the H-PLL being locked.
0 = Interlaced video detected
1 = Progressive video detected
Lines per Frame [11:0]: Number of lines per frame.
The lines per frame value may be used along with the clocks per line value (subaddresses 39h–3Ah) to determine the vertical frequency (fV)
of the video input.
fV = clock reference frequency / clocks per line / lines per frame
Note: The Lines per Frame counter is not dependent on the H-PLL being locked.
44
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com