Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVP7002PZP Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TVP7002PZP
Description  TRIPLE 8-/10-BIT 165-/110-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP7002PZP Datasheet(HTML) 12 Page - Texas Instruments

Back Button TVP7002PZP Datasheet HTML 8Page - Texas Instruments TVP7002PZP Datasheet HTML 9Page - Texas Instruments TVP7002PZP Datasheet HTML 10Page - Texas Instruments TVP7002PZP Datasheet HTML 11Page - Texas Instruments TVP7002PZP Datasheet HTML 12Page - Texas Instruments TVP7002PZP Datasheet HTML 13Page - Texas Instruments TVP7002PZP Datasheet HTML 14Page - Texas Instruments TVP7002PZP Datasheet HTML 15Page - Texas Instruments TVP7002PZP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
www.ti.com
FUNCTIONAL DESCRIPTION
Analog Channel
Analog Input Switch Control
Video Formats Supported
Analog Input Clamping
TVP7002
SLES206 – MAY 2007
The TVP7002 contains three identical analog channels that are independently programmable. Each channel
consists of a clamping circuit, programmable gain control, programmable offset control, and an ADC.
TVP7002 has three analog channels that accept up to ten video inputs. The user can configure the internal
analog video switches via the I2C interface. The ten analog video inputs can be used for different input
configurations, some of which are:
• Up to three SDTV, EDTV, or HDTV component video inputs (limited by number of SOG inputs)
• Up to two 5-wire PC graphics inputs (limited by number of HSYNC and VSYNC inputs)
The input selection is performed by the input select register at I2C subaddress 19h a 1Ah (see Input Mux Select
1 and Input Mux Select 2).
The TVP7002 supports A/D conversion of SDTV (480i, 576i), EDTV (480p, 765p), and HDTV (720p, 1080i,
1080p) YPbPr component video inputs. The TVP7002 also supports A/D conversion and color space conversion
of all standard PC graphics formats (RGB) from VGA up to UXGA.
A summary of the analog video standards supported by the TVP7002 module is show in Table 1.
Table 1. Analog Video Standards
VIDEO FORMAT
VIDEO STANDARDS
SDTV (YPbPr Component)
480i, 576i
EDTV (YPbPr Component)
480p, 576p
HDTV (YPbPr Component)
720p, 1080i, 1080p
PC Graphics (RGB Component)
VGA to UXGA
SCART (RGB Component)
576i
The TVP7002 provides dc restoration for all analog video inputs including the SOG slicer inputs. The dc
restoration circuit (a.k.a. clamp circuit) restores the ac-coupled video signal to a fixed dc level. One dc
restoration circuit is implemented prior to each of the three ADC, and a fourth one is located prior to the SOG
slicer. The dc restoration circuit can be programmed to operate as either a sync-tip clamp (a.k.a. coarse clamp)
or a back-porch clamp (a.k.a. fine clamp). The sync-tip clamp always clamps the video sync-tip level near the
bottom of the ADC range. The back-porch type clamp supports two clamping levels (bottom-level and mid-level)
that are selectable using bits 0, 1, and 2 of register 10h. When using the fine bottom-level clamp, an optional
300-mV common-mode offset may be selected using bit 7 of register 2Ah.
In general, the analog video input being used for horizontal synchronization purposes should always use the
sync-tip clamp; all other analog video inputs should use the back-porch clamp. The advantage of the back-porch
clamp is that it has negligible video droop or tilt across a video line.
12
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com