Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVP7002PZP Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TVP7002PZP
Description  TRIPLE 8-/10-BIT 165-/110-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP7002PZP Datasheet(HTML) 30 Page - Texas Instruments

Back Button TVP7002PZP Datasheet HTML 26Page - Texas Instruments TVP7002PZP Datasheet HTML 27Page - Texas Instruments TVP7002PZP Datasheet HTML 28Page - Texas Instruments TVP7002PZP Datasheet HTML 29Page - Texas Instruments TVP7002PZP Datasheet HTML 30Page - Texas Instruments TVP7002PZP Datasheet HTML 31Page - Texas Instruments TVP7002PZP Datasheet HTML 32Page - Texas Instruments TVP7002PZP Datasheet HTML 33Page - Texas Instruments TVP7002PZP Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
www.ti.com
H-PLL and Clamp Control
Sync-On-Green Threshold
TVP7002
SLES206 – MAY 2007
Subaddress
0Fh
Default (2Eh)
7
6
5
4
3
2
1
0
CF
CP
Coast Sel
CPO
CPC
SMO
FCPD
ADC Test
Clamp Function: Clamp pulse select. This control bit determines whether the timing for both the fine clamp and the ALC circuit are
generated internally or externally.
0 = Internal fine clamp and ALC timing (default)
1 = External fine clamp and ALC timing (pin 76)
Clamp Polarity: External clamp polarity select
0 = Active high clamp pulse (default)
1 = Active low clamp pulse
Coast Select: Coast signal select. This control bit determines whether the timing for H-PLL coast signal is generated internally or externally.
0 = External H-PLL coast timing (pin 77)
1 = Internal H-PLL coast timing (default)
Coast Polarity Override:
0 = Polarity determined by chip (default)
1 = Polarity set be Bit 3 in register 0Fh
Coast Polarity Change: External coast polarity select
0 = Active low coast signal
1 = Active high coast signal (default)
Seek Mode Override: Places the TVP7002 in a low power mode whenever no activity is detected on the selected sync inputs.
0 = Enable automatic power management mode
1 = Disable automatic power management mode (default)
Note: Digital outputs are not high impedance and may be in a random state during low power mode. Outputs can be put in
high impedance state by I2C register 17h.
Full Chip Power-Down: Active low power down. FCPD powers down all blocks except I2C. The I2C register values are retained.
0 = Power-down mode
1 = Normal operation (default)
Note: Digital outputs are not high impedance and may be in random state during FCPD. Outputs can be put in high
impedance state by I2C register 17h.
ADC Test: Active high ADC test mode select. When placed in the ADC test mode, the TVP7002 disables the fine clamp, enables the coarse
clamp, and selects the external clock input (pin 80) for each ADC channel.
0 = ADC test mode disabled (default)
1 = ADC test mode enabled
Note: Also see the Horizontal PLL Control register at subaddress 03h.
Subaddress
10h
Default (5Dh)
7
6
5
4
3
2
1
0
SOG Threshold [4:0]
Blue CS
Green CS
Red CS
SOG Threshold [4:0]: Sets the voltage level of the SOG slicer comparator according to the following equation.
slice_level = (350 mV)
× (N
TH/31)
00h = 0 mV
0Bh = 124 mV (default)
1Fh = 350 mV
Blue Clamp Select: This bit has no effect when the Blue channel fine clamp is disabled (bit 2 of subaddress 2Ah).
0 = Bottom-level fine clamp
1 = Mid-level fine clamp (default)
Green Clamp Select: This bit has no effect when the Green channel fine clamp is disabled (bit 1 of subaddress 2Ah).
0 = Bottom-level fine clamp (default)
1 = Mid level fine clamp
Red Clamp Select: This bit has no effect when the Red channel fine clamp is disabled (bit 0 of subaddress 2Ah).
0 = Bottom-level fine clamp
1 = Mid-level fine clamp (default)
Note: Bottom-level clamping is required for Y and RGB inputs, while mid-level clamping is required for Pb and Pr inputs. The internal clamp
pulse must also be correctly positioned for proper clamp operation. See register 05h.
30
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com