Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVP7002PZP Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TVP7002PZP
Description  TRIPLE 8-/10-BIT 165-/110-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP7002PZP Datasheet(HTML) 18 Page - Texas Instruments

Back Button TVP7002PZP Datasheet HTML 14Page - Texas Instruments TVP7002PZP Datasheet HTML 15Page - Texas Instruments TVP7002PZP Datasheet HTML 16Page - Texas Instruments TVP7002PZP Datasheet HTML 17Page - Texas Instruments TVP7002PZP Datasheet HTML 18Page - Texas Instruments TVP7002PZP Datasheet HTML 19Page - Texas Instruments TVP7002PZP Datasheet HTML 20Page - Texas Instruments TVP7002PZP Datasheet HTML 21Page - Texas Instruments TVP7002PZP Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
www.ti.com
TVP7002
SLES206 – MAY 2007
If activity is not detected on either the HSYNC input or the VSYNC input, the host processor should assume that
the PC graphics input is configured as a standard 3-wire interface. In this case, the TVP7002 is automatically
configured for a SOG input.
VSYNC Input
HSYNC Input
PC Graphics
Activity Detect
Activity Detect
Input Type
1
1
5 wire (default)
1
0
Undefined (assume 5 wire)
0
1
4 wire
0
0
3 wire
The activity detection status for the VSYNC and HSYNC inputs is written to the I2C status register at subaddress
14h.
NOTE:
Pin 13 of a standard 15-pin VGA video connect can be either a horizontal sync
(HSYNC) or a composite sync (CSYNC).
NOTE:
For component video inputs, the active HSYNC and VSYNC should always be
derived from the selected SOG input. This can most easily be ensured by setting the
AHSO, AVSO, AHSS and AVSS bit fields in register 0Eh to logic 1.
NOTE:
For proper operation when separate HSYNC and VSYNC inputs are used, the
leading edge of VSYNC must not be presicely aligned with the leading edged of
HSYNC. A simple RC delay circuit will provide adequate delay in most applications.
Figure 5. Sync Processing
18
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com