Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVP7002PZP Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TVP7002PZP
Description  TRIPLE 8-/10-BIT 165-/110-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP7002PZP Datasheet(HTML) 15 Page - Texas Instruments

Back Button TVP7002PZP Datasheet HTML 11Page - Texas Instruments TVP7002PZP Datasheet HTML 12Page - Texas Instruments TVP7002PZP Datasheet HTML 13Page - Texas Instruments TVP7002PZP Datasheet HTML 14Page - Texas Instruments TVP7002PZP Datasheet HTML 15Page - Texas Instruments TVP7002PZP Datasheet HTML 16Page - Texas Instruments TVP7002PZP Datasheet HTML 17Page - Texas Instruments TVP7002PZP Datasheet HTML 18Page - Texas Instruments TVP7002PZP Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
www.ti.com
0.1 µF
4.7 nF
1.5 kW
TVP7002
PLL_F
FILT2
FILT1
89
88
87
TVP7002
SLES206 – MAY 2007
The purpose of the 2-bit VCO range control is to improve the noise performance of the TVP7002. The frequency
ranges for the VCO are shown in Table 3. The phase of the ADC sample clock generated by the horizontal PLL
can be accurately controlled in 32 uniform steps over a single clock period (360/32 = 11.25 degrees phase
resolution) using the phase select register located at subaddress 04h.
The horizontal PLL characteristics are determined by the loop filter design, the PLL charge pump current, and
the VCO range setting. The loop filter design is shown in Figure 4. Supported settings of VCO range and charge
pump current for VESA standard display modes are listed in Table 3.
Figure 4. Horizontal PLL Loop Filter
In addition to sourcing the ADC sample clock from the horizontal PLL, an external pixel clock can be used (from
pin 80).
Table 3. Recommended VCO Range and Charge Pump Current Settings for Supporting Standard Display
Formats
PLL
OUTPUT
VCO
CP
FRAME
PIXEL
PLLDIV
PLLDIV
LINE RATE
DIVIDER
DIVIDER
RANGE
CURRENT
STANDARD
RESOLUTION
RATE
RATE
[11:4] REG
[3:0] REG
REG 03h
(kHz)
TOTAL
REG 04h
REG 03h
REG 03h
(Hz)
(MHz)
01h [7:0]
02h [7:4]
PIX/LINE
[0]
[7:6]
[5:3]
640
× 480
59.94
31.469
25.175
800
32h
00h
20h
0
ULow (00b)
100b
640
× 480
72.809
37.861
31.5
832
34h
00h
20h
0
ULow (00b)
100b
VGA
640
× 480
75
37.5
31.5
840
34h
80h
20h
0
ULow (00b)
100b
640
× 480
85.008
43.269
36
832
34h
00h
60h
0
Low (01b)
100b
800
× 600
56.25
35.156
36
1024
40h
00h
58h
0
Low (01b)
011b
800
× 600
60.317
37.879
40
1056
42h
00h
58h
0
Low (01b)
011b
SVGA
800
× 600
72.188
48.077
50
1040
41h
00h
58h
0
Low (01b)
011b
800
× 600
75
46.875
49.5
1056
42h
00h
58h
0
Low (01b)
011b
800
× 600
85.061
53.674
56.25
1048
41h
80h
58h
0
Low (01b)
011b
1024
× 768
60.004
48.363
65
1344
54h
00h
58h
0
Low (01b)
011b
1024
×768
70.069
56.476
75
1328
53h
00h
A8h
0
Med (10b)
101b
XGA
1024
× 768
75.029
60.023
78.75
1312
52h
00h
A8h
0
Med (10b)
101b
1024
× 768
84.997
68.677
94.5
1376
56h
00h
A0h
0
Med (10b)
100b
1280
× 768
59.995
47.396
68.25
1440
5Ah
00h
50h
0
Low (01b)
010b
1280
× 768
59.87
47.776
79.5
1664
68h
00h
A0h
0
Med (10b)
100b
WXGA (I)
1280
× 768
74.893
60.289
102.25
1696
6Ah
00h
A0h
0
Med (10b)
100b
1280
× 768
84.837
68.633
117.5
1712
6Bh
00h
A0h
0
Med (10b)
100b
1280
× 1024
60.02
63.981
108
1688
69h
80h
A0h
0
Med (10b)
100b
SXGA
1280
× 1024
75.025
79.976
135
1688
69h
80h
E8h
0
High (11b)
101b
1280
× 1024
85.024
91.146
157.5
1728
6Ch
00h
E8h
0
High (11b)
101b
1400
× 1050
59.948
64.744
101
1560
61h
80h
A0h
0
Med (10b)
100b
SXGA+
1400
× 1050
59.978
65.317
121.75
1864
74h
80h
98h
0
Med (10b)
011b
1400
× 1050
74.867
82.278
156
1896
76h
80h
E0h
0
High (11b)
100b
1440
× 900
59.901
55.469
88.75
1600
64h
00h
A0h
0
Med (10b)
100b
1440
× 900
59.887
55.935
106.5
1904
77h
00h
98h
0
Med (10b)
011b
WXGA (II)
1440
× 900
74.984
70.635
136.75
1936
79h
00h
E0h
0
High (11b)
100b
1440
× 900
84.842
80.43
157
1952
7Ah
00h
E0h
0
High (11b)
100b
UXGA
1600
× 1200
60
75
162
2160
87h
00h
E0h
0
High (11b)
100b
15
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com