Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVP7002PZP Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # TVP7002PZP
Description  TRIPLE 8-/10-BIT 165-/110-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP7002PZP Datasheet(HTML) 43 Page - Texas Instruments

Back Button TVP7002PZP Datasheet HTML 39Page - Texas Instruments TVP7002PZP Datasheet HTML 40Page - Texas Instruments TVP7002PZP Datasheet HTML 41Page - Texas Instruments TVP7002PZP Datasheet HTML 42Page - Texas Instruments TVP7002PZP Datasheet HTML 43Page - Texas Instruments TVP7002PZP Datasheet HTML 44Page - Texas Instruments TVP7002PZP Datasheet HTML 45Page - Texas Instruments TVP7002PZP Datasheet HTML 46Page - Texas Instruments TVP7002PZP Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
www.ti.com
RGB Coarse Clamp Control
SOG Coarse Clamp Control
ALC Placement
Reserved
Reserved
Reserved
TVP7002
SLES206 – MAY 2007
Subaddress
2Fh
(Default 8Ch)
7
6
5
4
3
2
1
0
Reserved
RGB leakage [5:0]
RGB leakage [5:0]: RGB channel coarse clamp leakage current switch. Increasing the coarse clamp leakage current increases horizontal
droop but improves hum rejection.
00h = 0.5
µA
0Ch = 6.5
µA when IBIAS = 2 µA (default)
3Fh = 32.0
µA when IBIAS = 2 µA
Droop_Current = 0.5 + (IBIAS/4)
× N
DC, where 0 ≤ NDC ≤ 63
Subaddress
30h
(Default 04h)
7
6
5
4
3
2
1
0
Reserved
SOG leakage [5:0]
SOG leakage [5:0]: SOG coarse clamp leakage current switch. The SOG coarse clamp leakage current is derived from the bias current.
Increasing the coarse clamp leakage current increases horizontal droop but improves hum rejection.
00h = 0.01
µA
04h = 0.21
µA when IBIAS = 2 µA (default)
3Fh = 3.16
µA when IBIAS = 2 µA
Droop_Current = (0.01 + (IBIAS/40)
× N
DC, where 0 ≤ NDC ≤ 63
Note: IBIAS is controlled using Trim clamp [3:0] at subaddress 2Ch.
Subaddress
31h
(Default 5Ah)
7
6
5
4
3
2
1
0
ALC placement [7:0]
ALC placement [7:0]: Positions the ALC signal an integer number of clock periods after either the leading edge or the trailing edge (default)
of the HSYNC signal. Bit 3 of subaddress 15h allows selecting which edge of HSYNC is used as the timing reference for ALC placement.
The ALC must be applied after the end of the fine clamp interval.
0 = Minimum setting
18h = PC graphics and SDTV with bi-level syncs
5Ah = HDTV with tri-level syncs (default)
Subaddress
32h
Default (18h)
7
6
5
4
3
2
1
0
Reserved[7:0]
Subaddress
33h
Default (60h)
7
6
5
4
3
2
1
0
Reserved[7:0]
Subaddress
34h
Default (03h)
7
6
5
4
3
2
1
0
Reserved[7:0]
43
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com